Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HDM-R1

  • AI
    The **HDM-R1** typically refers to a high-definition video transmission receiver module, often used in industrial video systems, FPV (First Person View) drones, or medical imaging displays. These devices are designed to receive wireless or long-range wired signals and output them via HDMI. Below is an analysis of the core electronic components and the architecture typical of the HDM-R1 series. --- ### 1. Core Electronic Components | Component Category | Primary Function | Typical Parts/Details | | :--- | :--- | :--- | | **Main Processor (SoC)** | Video decoding and system control. | ARM Cortex-based processors or dedicated H.264/H.265 decoders. | | **HDMI Transmitter IC** | Converts internal digital signals to HDMI format. | Silicon Image or Analog Devices HDMI controller chips. | | **RF Transceiver** | Handles the reception of wireless signals. | 5.8GHz or 2.4GHz RF modules with LNA (Low Noise Amplifiers). | | **Power Management (PMIC)** | Regulates voltage for different components. | Step-down (Buck) converters for 3.3V, 1.8V, and 1.1V rails. | | **Memory (RAM/Flash)** | Stores firmware and buffers video data. | DDR3/DDR4 SDRAM and SPI Nor Flash. | --- ### 2. Functional Block Diagram Analysis The electronic workflow of the HDM-R1 can be broken down into three main stages: #### A. Signal Input & RF Front-End * **Antenna Ports:** Usually SMA or IPEX connectors leading to a filter network. * **Demodulator:** If the R1 is wireless, this chip converts the high-frequency waves into a digital bitstream. #### B. Video Processing Unit * **De-packetizer:** Extracts the raw video data from the transmission protocol. * **OSD Engine:** Overlays telemetry data (like battery life or signal strength) onto the video signal before output. #### C. Output Interface * **ESD Protection:** Diodes located near the HDMI port to prevent damage from static electricity during cable insertion. * **Level Shifters:** Ensures the internal 1.8V/3.3V logic matches the HDMI standard 5V signaling requirements. --- ### 3. Technical Specifications (Typical) * **Operating Voltage:** 5V - 12V DC. * **Interface:** HDMI Type A (Standard) or Type C (Mini). * **Supported Resolutions:** 720p @ 60fps / 1080p @ 30/60fps. * **Latency:** Typically low-latency (<30ms) for real-time monitoring. --- ### 4. Safety and Reliability Features 1. **Heat Dissipation:** Often includes a dedicated heat sink or thermal pads on the SoC due to high-speed video decoding heat. 2. **Reverse Polarity Protection:** Diodes at the power input to prevent circuit burnout if the power supply is connected backward.
    ✨ Follow-up Questions
    • ⤷What is the specific input voltage range for the HDM-R1?
    • ⤷ Does the HDM-R1 support H.265 video compression?
    • ⤷ Which HDMI version (1.4 or 2.0) does this module utilize?