Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HDO4K-RACK

  • AI
    The **HDO4K-RACK** is a specialized hardware component typically used in high-density fiber optic distribution and CATV (Cable Television) transmission systems. It serves as a chassis or housing unit designed to provide power, management, and cooling for modular electronic components. --- ### Core Electronic Components The HDO4K-RACK is not just a metal shelf; it contains several critical electronic subsystems that ensure the operational stability of the modules inserted into it. | Component | Description | Function | | :--- | :--- | :--- | | **Backplane Bus** | The internal printed circuit board (PCB) at the rear. | Handles data communication and power distribution between modules. | | **Power Supply Units (PSU)** | Dual redundant AC/DC or DC/DC converters. | Converts grid power to low-voltage DC (typically 12V or 5V) for the modules. | | **Cooling System** | Integrated fan tray with sensors. | Monitors temperature and adjusts RPM to prevent thermal throttling of lasers. | | **Management Controller** | An onboard MCU (Microcontroller Unit). | Enables SNMP management, remote monitoring, and local status LEDs. | --- ### Key Technical Features 1. **Redundancy Management:** The rack electronics are designed for "Hot-Swapping." This means the power distribution circuit is protected against surges and can maintain load when one PSU is removed or fails. 2. **Signal Integrity:** The backplane is engineered with high-frequency shielding to prevent Electromagnetic Interference (EMI) between sensitive optical transmitter/receiver modules. 3. **Local Monitoring Interface:** Most HDO4K-RACK units feature a front-panel display (LCD/LED) or a serial port (RJ45/USB) to interface with the internal management bus. --- ### Hardware Architecture Overview ```mermaid graph TD A[Main Power Input] --> B[Redundant PSUs] B --> C[Active Backplane] C --> D[Optical Transmitter Modules] C --> E[Optical Receiver Modules] C --> F[Management Card/MCU] F --> G[SNMP / Ethernet Port] ``` ### Typical Applications * **HFC Networks:** Housing 1310nm/1550nm optical transmitters. * **Fiber to the Home (FTTH):** Managing high-density EDFA (Erbium-Doped Fiber Amplifiers). * **Data Centers:** Organizing RF-over-Fiber conversion links. ---
    ✨ Follow-up Questions
    • ⤷What are the specific power consumption limits for modules in the HDO4K-RACK?
    • ⤷ Does the HDO4K-RACK support SNMP v3 for secure remote management?
    • ⤷ How many module slots are typically available in a standard 19-inch HDO4K-RACK?