Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HDP220P-R010FB

  • AI
    ## Analysis of the HDP220P-R010FB The **HDP220P-R010FB** is a precision high-power resistor, typically used in industrial electronics for current sensing or power dissipation. It is part of the HDP220 series, known for its TO-220 style package which allows for effective heat sinking. ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Series** | HDP220 (High Power Resistor) | | **Resistance Value** | 0.010 $\Omega$ (indicated by `R010`) | | **Tolerance** | $\pm 1\%$ (indicated by `F`) | | **Package Type** | TO-220 (Through-hole, 2-lead) | | **Power Rating** | 20W (with heat sink) / 2W (free air) | | **Temperature Coefficient** | Typically $\pm 50$ to $\pm 250$ ppm/°C | | **Mounting Style** | Radial / Through-hole | --- ### Part Number Breakdown Understanding the nomenclature helps in identifying the specific characteristics: 1. **HDP220**: The product family/series (TO-220 Power Resistors). 2. **P**: Usually denotes the physical configuration or lead style (Power). 3. **R010**: The resistance value. "R" acts as a decimal point, so $0.010$ Ohms ($10\text{ m}\Omega$). 4. **F**: The resistance tolerance code ($F = \pm 1\%$). 5. **B**: Packaging code (often refers to Bulk packaging). --- ### Key Features and Applications #### 1. Low Resistance (Current Sensing) At $0.010\Omega$, this component is primarily used as a **shunt resistor**. It allows for the measurement of current by monitoring the voltage drop across the resistor ($V = I \times R$). Because the resistance is so low, it minimizes power loss ($P = I^2 \times R$). #### 2. Thermal Management The TO-220 housing is designed to be bolted to an external aluminum heat sink. Without a heat sink, the part can only handle about 2 Watts; with an adequate heat sink, it can handle up to 20 Watts. #### 3. Common Use Cases * **Switch Mode Power Supplies (SMPS):** Monitoring output current. * **Motor Control:** Detecting overcurrent conditions. * **Battery Management Systems (BMS):** Measuring charge/discharge cycles. * **Automotive Electronics:** Power distribution modules. --- ### Installation Requirements To ensure the part performs according to its 20W rating, the following must be considered: * **Thermal Paste:** Use a thermal interface material (TIM) between the resistor's backplate and the heat sink. * **Torque:** Ensure the mounting screw is tightened to the manufacturer's specified torque to maintain consistent thermal contact. * **Inductance:** Being a film-based resistor in this series, it generally has low inductance, making it suitable for high-frequency applications.
    ✨ Follow-up Questions
    • ⤷What is the maximum operating temperature for the HDP220 series?
    • ⤷ How does this resistor compare to a ceramic wirewound resistor in terms of inductance?
    • ⤷ Can this resistor be used in a surface-mount configuration?