Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HDP220P-R010JB

  • AI
    ## Electronic Analysis of the HDP220P-R010JB The **HDP220P-R010JB** is a high-power, precision current-sensing resistor manufactured by **RCD Components**. It is specifically designed for applications requiring high stability and power dissipation in a compact, TO-220 style package. --- ### 1. Key Technical Specifications The part number can be broken down to understand its specific electronic characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Series** | HDP220 | High-power TO-220 style power resistor. | | **Resistance Value** | R010 | **0.010 $\Omega$ (10 m$\Omega$)**. | | **Tolerance** | J | **$\pm 5\%$** (Standard tolerance for high-power shunts). | | **Power Rating** | 20W - 50W | Rated at 20W in free air, up to 50W with a proper heatsink. | | **Package Type** | TO-220 | 2-lead molded package for easy heatsink mounting. | | **Temperature Coefficient** | 50 - 250 ppm/°C | Varies based on specific ohmic value. | --- ### 2. Functional Characteristics * **Non-Inductive Design:** Because it is often used for current sensing and high-frequency switching, the internal resistive element is designed to minimize inductance (typically <50nH), ensuring signal integrity. * **Thermal Management:** The TO-220 housing is designed to be bolted to a heatsink. The thermal resistance from junction to case ($R_{thjc}$) is very low, allowing it to handle high current surges without failure. * **Encapsulation:** The internal element is protected by a flame-retardant epoxy molding, providing excellent environmental protection and dielectric strength. --- ### 3. Application Use Cases This specific part (10 m$\Omega$) is primarily used for **Current Sensing**: 1. **Switch Mode Power Supplies (SMPS):** Used in the feedback loop to monitor output current. 2. **Motor Control:** Acts as a shunt resistor to detect overcurrent conditions or for torque control. 3. **Battery Management Systems (BMS):** Monitors charge and discharge rates in high-power battery packs. 4. **Electronic Loads:** Used in testing equipment to dissipate power while measuring current flow. --- ### 4. Installation Requirements To achieve the rated power of the HDP220P-R010JB, the following must be observed: * **Heatsink:** Must be mounted to a metal chassis or finned heatsink using thermal grease (silicone paste). * **Lead Stress:** Avoid excessive bending of the leads to prevent internal micro-cracks in the resistive film. * **Kelvin Connection:** Since the resistance is very low (10 m$\Omega$), the resistance of the PCB traces can affect accuracy. A 4-terminal (Kelvin) layout is recommended for precise measurements.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle at 20W?
    • ⤷ How does the resistance value change if the operating temperature increases to 100°C?
    • ⤷ What are the recommended thermal interface materials for mounting this TO-220 package?