HE373C
AI

The **74HE373C** (often referred to as the **74HC373** in standard High-speed CMOS series) is a popular electronic component used in digital circuits. It is an **Octal Transparent D-Type Latch** with 3-state outputs.
---
## 1. Core Technical Specifications
The "HE" or "HC" designation indicates it belongs to the High-speed CMOS family, which combines the low power consumption of CMOS with the speed of TTL.
| Feature | Specification |
| :--- | :--- |
| **Number of Latches** | 8 (Octal) |
| **Logic Type** | Transparent D-Type Latch |
| **Supply Voltage (Vcc)** | 2.0V to 6.0V |
| **Output Type** | 3-State (High, Low, High-Impedance) |
| **Propagation Delay** | ~12ns to 30ns (depending on voltage) |
| **Drive Capability** | Can drive up to 15 LSTTL loads |
---
## 2. Pin Configuration and Functions
The device usually comes in a 20-pin package (DIP, SOIC, or TSSOP).
### Key Pins:
* **D0 - D7 (Inputs):** The eight data input lines.
* **Q0 - Q7 (Outputs):** The eight data output lines.
* **LE (Latch Enable):** Controls the "transparency" of the device.
* **OE (Output Enable):** Controls whether the outputs are active or in a high-impedance (disconnected) state.
---
## 3. How It Works (Truth Table)
The device operates based on the state of the **Latch Enable (LE)** and **Output Enable (OE)** pins.
| OE | LE | D | Q (Output) | Mode |
| :--- | :--- | :--- | :--- | :--- |
| L | H | L | L | Transparent (Follows Input) |
| L | H | H | H | Transparent (Follows Input) |
| L | L | X | Q0 | Latched (Holds previous value) |
| H | X | X | Z | High-Impedance (Disconnected) |
* **Transparent Mode:** When LE is HIGH, the outputs follow the inputs directly.
* **Latched Mode:** When LE goes LOW, the data present at the inputs at that moment is "frozen" or latched. Changes to D no longer affect Q.
* **3-State Output:** When OE is HIGH, the outputs are effectively disconnected (High-Z), allowing multiple devices to share a single data bus.
---
## 4. Common Applications
1. **Address Latching:** Used in microcontroller circuits (like the 8051) to separate the multiplexed Address and Data buses.
2. **Buffer/Driver:** Acts as a high-current driver for LEDs or other components.
3. **Data Storage:** Temporary 8-bit storage for bus-oriented systems.
4. **I/O Expansion:** Expanding the number of output ports on a CPU.
- ⤷
What is the difference between a Latch and a Flip-Flop?
- ⤷ How do I connect the OE pin for a 'permanently on' output?
- ⤷ What are the voltage level requirements for 'High' and 'Low' signals in the HC series?