Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HFC1608HTTDR10

  • AI
    The **HFC1608HTTDR10** is a surface-mount multilayer chip inductor, typically used in high-frequency applications. This specific part number follows the standard nomenclature for the **HFC series**, often manufactured by companies like Taiyo Yuden or similar specialty magnetic component producers. --- ### 1. Part Number Breakdown To understand the electronic properties, we can decode the alphanumeric string: | Segment | Code | Meaning | | :--- | :--- | :--- | | **Series** | HFC | High Frequency Multilayer Chip Inductor | | **Dimensions** | 1608 | Metric size 1.6mm x 0.8mm (EIA 0603 equivalent) | | **Material** | HT | Specific dielectric/magnetic material formulation | | **Packaging** | T | Tape and Reel packaging | | **Inductance** | DR10 | 0.10 Microhenries ($\mu H$) or 100 Nanhenries ($nH$) | --- ### 2. Key Technical Specifications Based on the HFC series standards, the typical electrical characteristics are as follows: * **Inductance Value:** 100 nH (0.10 $\mu H$) * **Tolerance:** Typically $\pm 5\%$ or $\pm 10\%$ * **Self-Resonant Frequency (SRF):** High SRF (usually above 500 MHz), making it ideal for high-frequency signal processing. * **DC Resistance (DCR):** Low resistance to minimize power loss and heat generation. * **Rated Current:** Usually in the range of 100mA to 300mA (application dependent). --- ### 3. Application Areas These components are engineered for circuits where signal integrity at high frequencies is critical. * **RF Matching:** Used in impedance matching circuits for antennas in smartphones and Wi-Fi modules. * **Filtering:** Acting as a low-pass or band-pass filter to remove high-frequency noise. * **Resonance:** Used in LC (Inductor-Capacitor) circuits for frequency selection. * **Mobile Communication:** Integrated into PA (Power Amplifier) modules and Bluetooth chipsets. --- ### 4. Physical Dimensions (Metric 1608 / EIA 0603) The "1608" footprint is a standard in the electronics industry for compact PCB designs. | Dimension | Value (mm) | Value (inches) | | :--- | :--- | :--- | | **Length (L)** | $1.6 \pm 0.15$ | 0.063 | | **Width (W)** | $0.8 \pm 0.15$ | 0.031 | | **Thickness (T)** | $0.8 \pm 0.15$ | 0.031 | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between this multilayer inductor and a wire-wound inductor?
    • ⤷ Can you provide the maximum DC current rating for this specific part?
    • ⤷ How does the 'DR10' notation compare to '100N' in inductance marking?