Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HFC1610HTTDR10

  • AI
    Based on your request, here is a detailed technical breakdown of the **HFC1610HTTDR10**. This part number corresponds to a high-frequency, high-current power inductor typically used in automotive and industrial power management applications. --- ## Technical Specifications: HFC1610HTTDR10 ### 1. Component Overview The HFC series (High Frequency Current) is designed for high-density power applications. These inductors are often characterized by their low DC resistance (DCR) and high saturation current capabilities. | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance** | 0.10 µH (100nH) | | **Tolerance** | ±20% | | **Inductance Code** | R10 (0.10 µH) | | **Package Size** | 1610 (Metric: 1.6mm x 1.0mm) | | **Operating Temperature** | -40°C to +125°C (Includes self-heating) | | **AEC-Q200** | Often Automotive Qualified (Check specific datasheet) | --- ### 2. Key Internal Components The construction of this part usually involves specialized materials to handle high switching frequencies: * **Core Material:** Composite metal powder (Iron powder base). This provides "soft" saturation characteristics compared to ferrite cores. * **Winding:** Flat wire or high-conductivity copper coil to minimize skin effect at high frequencies. * **Terminations:** Lead-free (Pb-free) plating, typically tin over nickel, designed for standard SMT (Surface Mount Technology) reflow soldering. --- ### 3. Application Use Cases Due to its small footprint (1.6mm x 1.0mm) and high current handling, this component is found in: 1. **Point of Load (POL) Converters:** Used in DC-DC buck converters to provide stable voltage to CPUs or GPUs. 2. **Smartphones/Wearables:** Compact power stages for high-efficiency mobile power management. 3. **Automotive Infotainment:** Powering sensors and high-speed data processing units where space is a premium. --- ### 4. Circuit Symbol and Layout In a standard schematic, the part is represented as an inductor. Below is a generic layout recommendation: ```text Inductor (L1) [Vin] ----( mmmm )---- [Vout] | | [Pad] (1.6mm x 1.0mm Footprint) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the saturation current (Isat) rating for this specific model?
    • ⤷ How does the metal composite core compare to a standard ferrite core?
    • ⤷ Are there specific reflow soldering profiles recommended for the 1610 package?