Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HFE3512-3HT1-R

  • AI
    The **HFE3512-3HT1-R** is a high-performance fiber optic transmitter component manufactured by **Finisar (now part of II-VI / Coherent)**. It is specifically a Vertical Cavity Surface Emitting Laser (VCSEL) designed for high-speed data communications. --- ### 1. Component Overview The device is a 10Gbps 850nm VCSEL designed for transmitting optical signals over multi-mode fiber. It is typically used in SFP+ modules and other high-speed optical transceivers. ### 2. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Technology** | VCSEL (Vertical Cavity Surface Emitting Laser) | | **Wavelength** | 850 nm (Short-haul) | | **Data Rate** | Up to 10.3125 Gbps | | **Package Type** | TO-46 Header with a plastic sleeve/housing | | **Fiber Type** | Multi-mode Fiber (MMF) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Threshold Current** | ~0.5 mA to 1.5 mA | --- ### 3. Key Features * **High Bandwidth:** Optimized for 8G Fiber Channel and 10G Ethernet applications. * **Integrated Monitor Photodiode:** Includes a back-facet monitor photodiode to allow for closed-loop power control (Automatic Power Control - APC). * **Low Drive Current:** High efficiency allows for low power consumption. * **Circular Beam Profile:** The VCSEL design provides a narrow, circular beam that makes it easy to couple light into a fiber optic cable. --- ### 4. Typical Applications 1. **Optical Transceivers:** The core component inside SFP+ and XFP modules. 2. **Storage Area Networks (SAN):** Used in 8G and 16G Fiber Channel systems. 3. **Local Area Networks (LAN):** 10G Base-SR Ethernet links. 4. **Active Optical Cables (AOC):** Embedded in high-speed cables for data center interconnects. --- ### 5. Circuit Integration (Simplified) When integrating this part into an electronic design, it is usually paired with a **Laser Driver IC**. ```c // Conceptual Block Diagram [Laser Driver] ----> [HFE3512 VCSEL] ----> (Light Pulse) ^ | | v [APC Circuit] <---- [Monitor Photodiode] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the TO-46 package of the HFE3512?
    • ⤷ What is the recommended laser driver to use with this VCSEL?
    • ⤷ How does the '3HT1' suffix differentiate this model from other HFE3512 variants?