Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HFE3512-3HT2-R

  • AI
    ## Overview of the HFE3512-3HT2-R The **HFE3512-3HT2-R** is a high-speed fiber optic component manufactured by Finisar (now part of II-VI Incorporated / Coherent). Specifically, it is a **High-Speed Gallium Arsenide (GaAs) VCSEL** (Vertical-Cavity Surface-Emitting Laser) designed for data communications. --- ### Technical Specifications The following table outlines the primary electrical and optical characteristics: | Parameter | Specification | | :--- | :--- | | **Component Type** | VCSEL (Vertical-Cavity Surface-Emitting Laser) | | **Wavelength** | 850 nm (Infrared) | | **Data Rate** | Up to 10 Gbps (Optimized for high-speed fiber) | | **Threshold Current** | ~0.5 mA to 1.5 mA | | **Forward Voltage** | ~1.6 V to 2.2 V | | **Package Type** | TO-46 Metal Can (with Plastic Header) | | **Optical Output Power** | ~0.5 mW to 1.5 mW | | **Operating Temperature** | -40°C to +85°C (Extended range) | --- ### Key Features and Electronic Design 1. **Vertical Cavity Technology:** Unlike edge-emitting lasers, the VCSEL emits light perpendicular to the chip surface. This results in a circular beam profile that is highly efficient for coupling into multimode fiber optics. 2. **High Modulation Bandwidth:** The "3HT" designation typically refers to its optimization for high-speed performance, making it suitable for 8G Fiber Channel and 10G Ethernet applications. 3. **Low Power Consumption:** Because of its low threshold current, the device consumes significantly less power than traditional laser diodes, reducing thermal management requirements. 4. **Monitoring Diode:** Many variants in this series include an integrated back-facet monitor photodiode, which allows the electronic driver circuit to maintain constant optical power via a feedback loop. --- ### Application Use Cases * **Ethernet Switches:** Used in 10G SFP+ transceiver modules. * **Storage Area Networks (SAN):** High-speed data transfer between servers and storage arrays. * **Intra-rack Interconnects:** Short-reach optical links within data centers. * **Industrial Links:** High-bandwidth communication in electrically noisy environments where fiber is preferred over copper. --- ### Comparison with Standard Laser Diodes | Feature | VCSEL (HFE3512) | Standard Edge-Emitting Laser | | :--- | :--- | :--- | | **Power Consumption** | Very Low | Moderate to High | | **Beam Shape** | Circular (Easy to align) | Elliptical (Harder to align) | | **Cost** | Lower (due to wafer-level testing) | Higher | | **Range** | Short (up to 300m-500m) | Long (kilometers) |
    ✨ Follow-up Questions
    • ⤷What are the pinout configurations for the TO-46 package in this VCSEL?
    • ⤷ How does the 'R' suffix impact the RoHS compliance or packaging of this part?
    • ⤷ What type of driver IC is recommended to interface with the HFE3512?