Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HFE359-3HT2-R

  • AI
    ## Overview of HFE359-3HT2-R The **HFE359-3HT2-R** is a high-performance **Power Relay** manufactured by **Hongfa Technology**. It is specifically designed for high-voltage DC applications, often found in New Energy Vehicles (EVs), charging stations, and energy storage systems. --- ### 1. Key Technical Specifications Below are the primary electrical and mechanical characteristics of this component: | Feature | Specification | | :--- | :--- | | **Contact Arrangement** | 1 Form A (SPST-NO) | | **Rated Load (Resistive)** | 350A @ 450VDC | | **Max. Switching Voltage** | 1000 VDC | | **Max. Switching Power** | 157.5 kW | | **Contact Resistance** | ≤ 0.3 mΩ (at 20A) | | **Insulation Resistance** | 1000 MΩ (at 1000VDC) | | **Dielectric Strength** | 2500 VAC (between coil & contacts) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Detailed Electronic Components & Design The HFE359 series utilizes specialized engineering to handle high-current DC loads, which are significantly more difficult to interrupt than AC loads due to sustained arcing. #### A. Ceramic Shielding & Arc Suppression * **Ceramic Brazing Technology:** The contact chamber is sealed using ceramic-to-metal bonding. This allows the chamber to be filled with a pressurized gas (typically Hydrogen-based). * **Arc Extinguishing:** The gas mixture facilitates rapid cooling and quenching of the electric arc that occurs when the contacts open under high voltage. #### B. Polarized Contacts * **Magnetic Blowouts:** The device contains internal permanent magnets. These magnets create a magnetic field that "pushes" the electric arc away from the contact surfaces into arc chutes, preventing damage and ensuring a clean break. * **Note:** Because of these magnets, the power terminals are **polarity sensitive** (marked + and -). #### C. The Coil System * **Economizer Circuit:** High-current relays often include an internal "economizer." This allows a high initial current to close the relay (pick-up), then drops to a low "hold" current to reduce power consumption and heat generation within the coil. * **Coil Voltage:** Typically available in 12VDC or 24VDC variants (refer to the specific "3HT2" suffix in the datasheet for exact coil ratings). --- ### 3. Application Areas The HFE359-3HT2-R is commonly integrated into the following electronic systems: 1. **Battery Management Systems (BMS):** Used as the Main Contactor to isolate the battery pack from the vehicle. 2. **DC Fast Chargers:** Controls the high-power flow from the charger to the vehicle. 3. **Solar Inverters:** Acts as a safety disconnect for high-voltage DC strings. 4. **DC Power Supplies:** Used in industrial automation requiring high-current switching. --- ### 4. Part Number Breakdown (Prefix Interpretation) | Code Segment | Meaning | | :--- | :--- | | **HFE359** | Series Name (High-Voltage DC Contactor) | | **350** | Nominal Current (350 Amps) | | **3** | Mounting Type / Terminal Style | | **HT** | Contact Material / High Temperature Spec | | **R** | RoHS Compliant |
    ✨ Follow-up Questions
    • ⤷ What is the significance of the polarity markings on the power terminals?
    • ⤷ Does this relay require an external economizer or is it built-in?
    • ⤷ What is the life expectancy of the contacts at maximum rated load?