Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HL16-R

  • AI
    The **HL16-R** is an industrial-grade, 16-channel wireless remote control relay module typically used in automation, hoist control, and crane operations. It operates in the RF (Radio Frequency) spectrum to provide multi-channel switching capabilities. --- ## 1. Core Electronic Components The system consists of two primary hardware assemblies: the **Transmitter (Remote)** and the **Receiver (Main Box)**. | Component | Description | Function | | :--- | :--- | :--- | | **RF Transceiver Chip** | Typically a 433MHz or 315MHz FSK module. | Handles the transmission and reception of wireless signals. | | **Microcontroller (MCU)** | 8-bit or 32-bit embedded processor. | Decodes button presses and manages the logic for relay activation. | | **Relay Array** | 16 individual Electromagnetic Relays. | Switches high-voltage loads (AC/DC) using low-voltage control signals. | | **Antenna** | Internal or External whip antenna. | Increases the gain and range of the wireless signal (usually up to 100m). | | **Power Management** | Step-down transformer or Buck converter. | Converts 110V/220V/380V input to 5V/12V for the internal logic. | --- ## 2. Technical Specifications The electronic architecture is designed for durability and high-power switching. ### Receiver Specifications: * **Channels:** 16 independent SPDT (Single Pole Double Throw) relays. * **Operating Voltage:** Common variants include **DC 12V-24V** or **AC 110V-380V**. * **Contact Capacity:** Usually rated at **10A / 250VAC** per channel. * **Coding Type:** Learning code or Fixed code (prevents cross-talk between different units). ### Transmitter Specifications: * **Power Source:** 2x AA batteries or 9V battery. * **Housing:** Impact-resistant ABS plastic with IP65 water/dust resistance. * **Control Logic:** Momentary (moves only while pressed) or Latched (toggle on/off). --- ## 3. Wiring Configuration The electronic interface of the receiver terminal block is usually organized as follows: ```text [ Power Input ] -> L (Live) / N (Neutral) or V+ / V- [ Relay 1 ] -> Common (COM), Normally Open (NO), Normally Closed (NC) [ Relay 2 ] -> Common (COM), Normally Open (NO), Normally Closed (NC) ... [ Relay 16 ] -> Common (COM), Normally Open (NO), Normally Closed (NC) ``` --- ## 4. Safety Features Due to its use in industrial environments, the HL16-R electronics include: 1. **Watchdog Timer:** Resets the MCU if the software freezes to prevent uncontrolled operation. 2. **Optocoupler Isolation:** Separates the sensitive MCU logic from the high-voltage relay noise. 3. **LED Indicators:** Visual feedback for power status and individual relay activation.
    ✨ Follow-up Questions
    • ⤷ What is the maximum effective range of the HL16-R in an industrial setting?
    • ⤷ How do I switch the HL16-R between momentary and latched operation modes?
    • ⤷ Can multiple HL16-R units be used in the same area without interference?