Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HLMP-AL11-R0RYY

  • AI
    The **HLMP-AL11-R0RYY** is a high-performance, precision optical grade LED manufactured by Broadcom (formerly Avago Technologies). It belongs to the **HLMP-Ax11** series, which are characterized by their T-1 ¾ (5mm) oval-shaped package and high brightness. --- ### 1. Key Technical Specifications Below are the primary electronic and optical characteristics of the HLMP-AL11-R0RYY: | Parameter | Value / Description | | :--- | :--- | | **LED Type** | Standard Through-Hole (T-1 ¾) | | **Color** | Amber (Orange) | | **Peak Wavelength** | ~590 nm | | **Luminous Intensity** | 460 mcd (Min) to 1200 mcd (Max) | | **Viewing Angle** | 30° x 70° (Oval/Elliptical) | | **Forward Current ($I_F$)** | 20 mA (Typical) | | **Forward Voltage ($V_F$)** | 2.1V to 2.4V (Typical) | | **Lens Appearance** | Tinted, Non-diffused | --- ### 2. Physical and Material Composition This part is designed specifically for outdoor applications where visibility under sunlight is critical. * **Technology:** Uses **AllnGaP** (Aluminum Indium Gallium Phosphide) die technology. This provides high luminous efficiency and stable light output over long periods. * **Package Shape:** The **Oval** lens design is intentional. It creates a wide horizontal viewing angle and a narrow vertical viewing angle, which is ideal for signs where viewers are spread out left-to-right but consistent in height (e.g., highway signs). * **Encapsulation:** The epoxy used is UV resistant, reducing the degradation caused by long-term exposure to direct sunlight. --- ### 3. Electronic Design Considerations When integrating the HLMP-AL11-R0RYY into a circuit, keep the following electronic constraints in mind: #### Current Limiting To prevent burnout, a series resistor must be used. You can calculate the resistor value ($R$) using Ohm's Law: ```cpp R = (V_source - V_forward) / I_forward ``` *Example:* With a 5V supply and 20mA current: `R = (5V - 2.1V) / 0.02A = 145 Ohms` #### Thermal Management While these LEDs are efficient, they are sensitive to heat. The leads should be kept at a distance from the body during soldering to prevent internal damage to the AllnGaP chip. --- ### 4. Common Applications * **Variable Message Signs (VMS):** Highway and traffic information boards. * **Commercial Advertising:** Outdoor billboards and electronic signs. * **Solar Powered Signs:** Due to high luminous efficacy (high light output per watt). * **Passenger Information:** Bus and train station displays.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'Oval' viewing angle in traffic applications?
    • ⤷ Can this LED be driven by a PWM signal for dimming purposes?
    • ⤷ What are the storage temperature limits for the HLMP-AL11 series?