HLMP-CE12-R0CDD
AI

## HLMP-CE12-R0CDD: Electronic Components Overview
The **HLMP-CE12-R0CDD** is a high-brightness Cyan LED manufactured by **Broadcom (formerly Avago Technologies)**. It belongs to the HLMP-Cx11/12/21/22 series, which is specifically designed for high-performance applications such as traffic signals and commercial outdoor advertising.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Color** | Cyan (Bluish-Green) |
| **Dominant Wavelength** | Typ. 505 nm |
| **Luminous Intensity** | 1,500 mcd - 2,500 mcd (R0 Bin) |
| **Forward Voltage ($V_f$)** | 2.8V - 3.8V |
| **Viewing Angle** | 15° (Narrow Beam) |
| **Lens Shape** | T-1 ¾ (5mm) Circular |
| **Lens Appearance** | Clear, Non-diffused |
| **Mounting Type** | Through-Hole |
---
### 2. Core Features
* **InGaN Technology:** The chip uses Indium Gallium Nitride (InGaN) materials, which provide high efficiency and high light output compared to older technology.
* **Precision Optical Performance:** The 15-degree narrow viewing angle ensures a concentrated beam of light, making it ideal for signage where long-distance visibility is required.
* **Environmental Robustness:** The epoxy resin contains UV inhibitors to reduce the effects of long-term exposure to direct sunlight.
* **Standoffs:** The "12" in the part number indicates that the LED has **leads with standoffs**, which help in maintaining a consistent height during PCB assembly and allow for easier cleaning after soldering.
---
### 3. Pinout and Internal Structure
The device follows the standard 5mm LED configuration:
```text
(Longer Lead) ----|>|---- (Shorter Lead)
Anode (+) Cathode (-)
```
* **Anode:** Connected to the positive terminal of the power supply.
* **Cathode:** Connected to the ground or the current-limiting resistor. Identified by the shorter lead and a flat spot on the LED's plastic base.
---
### 4. Application Areas
1. **Traffic Management:** Used in pedestrian crossing signals and green traffic lights.
2. **Commercial Signage:** High-intensity backlighting for outdoor advertising.
3. **Industrial Indicators:** Status lights for machinery that require high visibility in bright environments.
---
- ⤷
What is the maximum forward current (If) recommended for this LED?
- ⤷ How does the 'R0' binning affect the luminous intensity selection?
- ⤷ Can this LED be driven using a PWM signal for dimming?