Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HM-1-R/Q

  • AI
    The **HM-1-R** and **HM-1-Q** are part of a series of high-quality, miniature electromechanical **hour meters** (running time meters) manufactured by companies like Baumer or Grasslin. These devices are primarily used to monitor the operating time of machines to schedule maintenance intervals. --- ## 1. Technical Specifications The "R" and "Q" designations typically refer to the mounting style or the specific internal movement mechanism. | Feature | HM-1-R (Typical) | HM-1-Q (Typical) | |:---|:---|:---| | **Display Type** | Analog (Rolling cylinders) | Analog (Rolling cylinders) | | **Capacity** | 99,999.99 hours | 99,999.99 hours | | **Voltage Range** | 10–30V DC or 230V AC | 10–30V DC or 230V AC | | **Frequency** | 50/60 Hz (for AC models) | Quartz-controlled (DC models) | | **Mounting** | Circular / Flush Mount | Square / Flush Mount | | **Protection Class** | IP65 (Front side) | IP65 (Front side) | --- ## 2. Key Electronic Components The internal construction differs based on whether the unit is an AC (Synchronous) or DC (Quartz) model: ### A. The Synchronous Motor (AC Models) In AC versions, the "clock" is driven by the frequency of the power grid (50Hz or 60Hz). * **Stator/Rotor:** A small synchronous motor turns at a speed locked to the line frequency. * **Gear Train:** High-precision plastic or brass gears reduce the high-speed rotation of the motor down to 1/100th of an hour increments. ### B. The Quartz Oscillator (DC Models) In DC versions (often denoted by the "Q"), the timing is handled electronically. * **Quartz Crystal:** Provides a stable frequency reference (usually 32.768 kHz). * **Frequency Divider IC:** A small integrated circuit divides the crystal frequency down to a pulse every few seconds. * **Stepper Motor:** A tiny pulse-driven motor moves the mechanical counter wheels forward. --- ## 3. Connection and Wiring These parts usually feature two terminal pins or spade connectors. Since they are electromechanical, they do not have a "reset" button; they provide a permanent record of operation. ```text Wiring Diagram (General): [ Power Source (+) ] ---- [ Pin 1 ] [ Power Source (-) ] ---- [ Pin 2 ] ``` *Note: In AC models, polarity does not matter. In DC models, correct polarity is required for the quartz circuit to function.* --- ## 4. Distinguishing Features (R vs. Q) * **HM-1-R:** Often signifies a **Round** bezel or a specific **Resistant** casing for industrial vibration. * **HM-1-Q:** Generally signifies a **Quartz** movement, which is highly accurate and independent of power line fluctuations, or a **Square** (Quadratic) DIN-standard housing. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference in power consumption between the AC and DC versions?
    • ⤷ Can these hour meters be reset to zero manually?
    • ⤷ How do I interpret the decimal (red) digits on the display?