Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HM-6-R

  • AI
    The **HM-6-R** is a high-performance, surface-mount (SMD) common mode choke designed primarily for high-speed data line noise suppression. It is widely used in automotive, industrial, and consumer electronics to maintain signal integrity while filtering electromagnetic interference (EMI). --- ### 1. Key Technical Specifications The electrical characteristics of the HM-6-R vary slightly depending on the specific model variation (inductance value), but generally follow these parameters: | Parameter | Typical Value / Range | | :--- | :--- | | **Inductance** | 4.7µH to 100µH (standard range) | | **Rated Current** | 100mA to 500mA (depending on DCR) | | **DC Resistance (DCR)** | 0.2Ω to 1.5Ω | | **Operating Temperature** | -40°C to +125°C | | **Impedance** | High at MHz frequencies | --- ### 2. Core Electronic Functions The HM-6-R serves several critical roles within a circuit: * **Common Mode Noise Suppression:** It acts as a low-pass filter for common-mode signals (noise that travels in the same direction on both lines) while allowing differential-mode signals (the actual data) to pass through with minimal attenuation. * **Signal Integrity:** By reducing EMI, it ensures that high-speed communication protocols (like CAN bus or USB) do not suffer from bit errors or packet loss. * **Isolation:** It provides a level of magnetic coupling that helps isolate sensitive ICs from external cable noise. --- ### 3. Physical Construction and Package The "HM" series typically features a specialized design for automated assembly: * **Package Style:** SMD (Surface Mount Device) with a flat top for "Pick and Place" robotics. * **Winding:** Precision bifilar winding to ensure high symmetry between the two signal lines. * **Material:** Ferrite core material optimized for high-frequency performance. --- ### 4. Typical Applications The HM-6-R is most commonly found in environments where electrical noise is prevalent: 1. **Automotive Systems:** CAN-bus, FlexRay, and Ethernet lines in vehicles. 2. **Industrial Controls:** Signal lines for PLC communication and sensor arrays. 3. **Computer Peripherals:** Filtering for high-speed USB 2.0/3.0 or IEEE1394 interfaces. ---
    ✨ Follow-up Questions
    • ⤷ How does the HM-6-R compare to standard inductors in filtering EMI?
    • ⤷ What is the significance of the 'R' suffix in this part number?
    • ⤷ Can you provide a wiring diagram for a common mode choke in a CAN bus circuit?