Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HM53_15

  • AI
    The **HM53_15** typically refers to a specific electronic component, most commonly a **Surface Mount (SMD) Power Inductor** produced by manufacturers like BI Technologies (TT Electronics). These are designed for high-frequency DC/DC converters and power supplies. --- ### 1. Key Technical Specifications The "15" in the part number usually indicates the inductance value. Below is a breakdown of the typical electronic characteristics: | Parameter | Typical Value | | :--- | :--- | | **Inductance** | 15 µH | | **Tolerance** | ±20% | | **Current Rating (Isat)** | ~1.5A - 3.0A (Depends on case size) | | **DC Resistance (DCR)** | Low (Milliohms range) | | **Operating Temp** | -40°C to +125°C | | **Package Type** | SMD (Surface Mount Device) | ### 2. Physical Construction The component is engineered for durability and efficiency in compact circuits: * **Core Material:** Ferrite core for low core loss at high frequencies. * **Shielding:** Usually magnetically shielded to minimize Electromagnetic Interference (EMI) with neighboring components. * **Terminals:** Robust solder pads designed for reflow soldering. ### 3. Common Applications The HM53 series is used in circuits where voltage needs to be regulated or filtered: 1. **DC/DC Converters:** Acting as energy storage components in buck or boost regulators. 2. **EMI Filtering:** Smoothing out ripples in power lines to protect sensitive downstream ICs. 3. **Consumer Electronics:** Used in laptops, tablets, and handheld devices where space is limited. 4. **LED Drivers:** Providing steady current to high-brightness LEDs. ### 4. Identification Code In the part numbering system `HM53-150LF`: * **HM53:** Series designation (High power, SMD). * **150:** Inductance code (15 followed by zero zeros = 15µH). * **LF:** Lead-Free (RoHS Compliant). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between shielded and unshielded inductors like the HM53?
    • ⤷ How do I calculate the ripple current for this inductor in a buck converter?
    • ⤷ Are there alternative manufacturers for the HM53_15 footprint?