Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HM74-R85

  • AI
    ## Understanding the HM74-R85 Inductor The **HM74-R85** is a specific part number for a high-performance **Surface Mount (SMD) Power Inductor**. It is manufactured by companies like **TT Electronics / BI Technologies**. This component is designed for use in power conversion circuits, particularly where high currents and low resistance are required. --- ### 1. Key Technical Specifications The specifications for the HM74 series vary based on the value, but the "R85" suffix indicates specific inductance properties. | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance** | 0.85 µH (Microhenries) | | **Tolerance** | ±20% | | **DCR (DC Resistance)** | Very Low (Approx. 2.0 to 3.5 mΩ) | | **Rated Current (Irms)** | High (Typically 15A to 25A depending on package) | | **Saturation Current (Isat)** | High (The point where inductance drops by 20-30%) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Physical Characteristics The HM74 series is known for its **Molded Powder Core** construction. * **Shielding:** It is magnetically shielded, which minimizes Electromagnetic Interference (EMI) with surrounding components. * **Form Factor:** It is a low-profile SMD device, making it ideal for compact PCB layouts. * **Material:** Uses a composite iron powder core that handles high-frequency switching and high transient current spikes without saturating easily. --- ### 3. Common Applications Due to its high current handling and low DCR, the HM74-R85 is used in the following areas: 1. **DC/DC Converters:** Used in "Buck" (step-down) or "Boost" (step-up) regulators. 2. **Voltage Regulator Modules (VRM):** Commonly found on computer motherboards and GPU power phases. 3. **Battery Powered Systems:** Efficient power management for portable electronics. 4. **Automotive Electronics:** Infotainment and lighting control modules. --- ### 4. Part Number Breakdown When reading the part number `HM74-R85LFTR`: * **HM74:** The series designation (High Current Power Inductor). * **R85:** The inductance value (0.85 µH). "R" acts as a decimal point. * **LF:** Lead-Free (RoHS Compliant). * **TR:** Tape and Reel packaging. ---
    ✨ Follow-up Questions
    • ⤷What is the saturation current limit for the HM74-R85?
    • ⤷ Can this inductor be used in high-frequency switching above 1MHz?
    • ⤷ How does the HM74 series compare to the HM72 series?