Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HMC554ALC3BTR-R5

  • AI
    The **HMC554ALC3BTR-R5** is a high-performance, GaAs (Gallium Arsenide) MMIC (Monolithic Microwave Integrated Circuit) double-balanced mixer. It is primarily used for frequency conversion in microwave and millimeter-wave communication systems. --- ### 1. Key Technical Specifications | Parameter | Value | | :--- | :--- | | **RF Frequency Range** | 10 GHz to 20 GHz | | **LO Frequency Range** | 10 GHz to 20 GHz | | **IF Frequency Range** | DC to 6 GHz | | **Conversion Loss** | 7 dB (Typical) | | **LO to RF Isolation** | 38 dB | | **Input IP3** | +18 dBm | | **Package Type** | ceramic LCC (3x3 mm) | --- ### 2. Functional Characteristics * **Double-Balanced Architecture:** This design provides excellent isolation between the Local Oscillator (LO), Radio Frequency (RF), and Intermediate Frequency (IF) ports. It suppresses the LO leakage significantly, reducing the need for external filtering. * **Passive Mixer:** As a passive device, it does not require a DC bias, simplifying the integration into RF front-ends. However, it does require a relatively high LO drive level (typically +13 dBm). * **Wide Bandwidth:** The device supports a broad range of frequencies, making it versatile for various radar and satellite communication bands (X and Ku bands). * **Compact Form Factor:** The "LC3B" designation refers to its 3x3 mm surface-mount ceramic package, which is ideal for high-reliability applications and automated assembly. --- ### 3. Pin Configuration & Internal Structure The device typically utilizes a simplified 12-terminal layout. Because it is a passive mixer, the primary connections are: 1. **RF Port:** Receives or transmits the high-frequency signal. 2. **LO Port:** Input for the oscillator signal used to shift the frequency. 3. **IF Port:** The output (down-conversion) or input (up-conversion) for the baseband/intermediate signal. 4. **Ground:** Multiple pins dedicated to thermal dissipation and signal grounding. --- ### 4. Typical Applications * **Point-to-Point Radios:** For backhaul communication. * **VSAT (Very Small Aperture Terminals):** Satellite ground stations. * **Military & Space:** Radar systems and electronic warfare (EW) receivers. * **Test Equipment:** High-frequency signal generators and spectrum analyzers.
    ✨ Follow-up Questions
    • ⤷What is the difference between the HMC554A and the HMC554 (non-A) version?
    • ⤷ What are the recommended LO drive levels for optimal IP3 performance?
    • ⤷ Can this mixer be used for both up-conversion and down-conversion?