Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HMC565LC5TR-R5

  • AI
    ### Overview of HMC565LC5TR-R5 The **HMC565LC5TR-R5** is a high-performance, Gallium Arsenide (GaAs), Pseudomorphic High Electron Mobility Transistor (pHEMT), Monolithic Microwave Integrated Circuit (MMIC), Low Noise Amplifier (LNA). It is designed for wideband operation, typically covering the 6 to 20 GHz range. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Frequency Range** | 6 GHz to 20 GHz | | **Gain** | 21 dB (Typical) | | **Noise Figure** | 2.5 dB | | **P1dB (Output Power)** | +10 dBm | | **Supply Voltage (Vdd)** | +3V @ 53mA | | **Package Type** | 5x5 mm SMT (LC5 Package) | | **Input/Output Return Loss** | 15 dB / 12 dB | --- ### Functional Block and Circuit Description The device is a self-biased LNA, which simplifies the electronic design by eliminating the need for an external gate bias voltage. 1. **RF Input/Output:** The RF ports are AC coupled internally and matched to 50 Ohms. This allows the part to be integrated directly into a microstrip or stripline environment without complex external matching networks. 2. **GaAs pHEMT Technology:** This process provides the high electron mobility required for low noise performance at microwave frequencies compared to standard Silicon. 3. **DC Bias:** The amplifier operates from a single positive supply (+3V). It includes an internal active bias network to maintain stable performance over temperature. --- ### Typical Applications This part is primarily found in high-reliability and high-frequency communication systems: * **Point-to-Point Radios:** Used in backhaul communication links. * **VSAT (Very Small Aperture Terminals):** Satellite communications. * **Military & Space:** Electronic Warfare (EW) and Radar receivers. * **Test & Measurement:** Front-end amplification for high-frequency oscilloscopes and analyzers. --- ### Design Precautions * **ESD Sensitivity:** As a GaAs device, it is highly sensitive to Electrostatic Discharge (ESD). Class 1A handling is required. * **Thermal Management:** Ensure the ground paddle (underside of the package) is soldered to a PCB area with multiple thermal vias to dissipate heat efficiently. * **Decoupling:** Use 100 pF, 0.01 µF, and 4.7 µF bypass capacitors on the Vdd line to filter high-frequency noise and power supply ripple.
    ✨ Follow-up Questions
    • ⤷ What are the layout requirements for the thermal ground pad in LC5 packages?
    • ⤷ How does the gain flatness of this LNA vary across the 6-20 GHz spectrum?
    • ⤷ Are there specific power-up sequences required to prevent damage to the GaAs junction?