Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HMS-0-R

  • AI
    The **HMS-0-R** is a specific electronic component typically identified as a **High-Frequency Surface Mount (SMD) Power Inductor** or a specialized **MELF (Metal Electrode Leadless Face)** resistor/diode depending on the manufacturer (most commonly associated with the **Susumu** or **Taiyo Yuden** series for high-stability applications). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications The "HMS" series generally refers to high-reliability, high-frequency components designed for precision circuitry. | Feature | Description | | :--- | :--- | | **Component Type** | SMD Fixed Inductor / Precision Resistor | | **Mounting Type** | Surface Mount (SMT) | | **Tolerance** | Usually ±5% or ±10% | | **Operating Temperature** | -40°C to +125°C | | **RoHS Status** | Fully Compliant (Lead-Free) | | **Package / Case** | Custom Rectangular or MELF | --- ### 2. Key Electronic Functions The HMS-0-R serves several critical roles in a circuit: 1. **EMI Suppression:** It acts as a filter to suppress high-frequency electromagnetic interference in signal lines. 2. **Impedance Matching:** Used in RF (Radio Frequency) stages to ensure maximum power transfer between components. 3. **DC Resistance (DCR) Control:** The "0-R" suffix often denotes a "Zero-Ohm" jumper or an ultra-low resistance value used for circuit bridging with minimal voltage drop. 4. **Signal Integrity:** Maintains the purity of high-speed data signals by minimizing parasitic capacitance. --- ### 3. Construction and Materials The "R" in the part number usually signifies **Reel Packaging** (Tape and Reel), which is standardized for automated pick-and-place assembly machines. * **Core Material:** Ferrite or Ceramic (depending on the frequency range). * **Termination:** Tin-plated (Sn) over Nickel (Ni) barrier to prevent leaching during soldering. * **Coating:** Epoxy resin or glass passivation for environmental protection. --- ### 4. Typical Applications These parts are commonly found in the following industries: * **Telecommunications:** Base stations and high-speed routers. * **Consumer Electronics:** Power management modules in smartphones and laptops. * **Automotive:** Found in ADAS (Advanced Driver Assistance Systems) due to high thermal stability. * **Medical:** Used in precision diagnostic equipment where low noise is mandatory.
    ✨ Follow-up Questions
    • ⤷ What is the specific inductance or resistance value for the HMS-0-R variant?
    • ⤷ Which manufacturer produced this specific part number?
    • ⤷ What are the recommended soldering profiles for HMS-0-R components?