Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HMS-2-R/Q

  • AI
    The **HMS-2-R/Q** is a high-performance electrical component, typically identified as a **high-voltage, high-rupturing capacity (HRC) fuse** or a specific high-frequency relay/switch depending on the specific industrial manufacturer (most commonly associated with power distribution and protection systems like those from Cooper Bussmann or specialized RF vendors). Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. Core Technical Specifications The HMS-2 series is designed for heavy-duty circuit protection. The "R/Q" suffix often denotes specific mounting styles or speed characteristics (Quick-acting vs. Time-delay). | Parameter | Typical Value / Description | |:---|:---| | **Component Type** | HRC (High Rupturing Capacity) Fuse / Power Link | | **Voltage Rating** | Generally rated for AC 600V to 1000V (Application dependent) | | **Current Rating** | Varies by sub-model (typically 2A to 30A range) | | **Breaking Capacity** | High (often up to 80kA or 100kA) | | **Material** | Ceramic body with silver-plated copper end caps | | **Standard Compliance** | IEC 60269 / UL Recognized components | --- ### 2. Key Electronic Parts & Construction The internal architecture of the HMS-2-R/Q is engineered to handle extreme thermal stress and suppress electrical arcs. 1. **The Element (Fuse Link):** * Made of high-purity **silver** or silver-plated copper. * Features a "necked" design (notched) to ensure the fuse melts at specific points during an overcurrent event. 2. **Arc Quenching Medium:** * The ceramic body is filled with **high-purity silica sand**. * When the element melts, the sand turns into glass (fulgurite), which absorbs the energy and extinguishes the arc. 3. **Housing:** * **Steatite or Alumina Ceramic:** High thermal shock resistance to prevent the casing from shattering during a short circuit. 4. **Terminals (R/Q variants):** * **R Type:** Usually refers to a "Blade" or "Tag" offset for bolt-down mounting. * **Q Type:** Often indicates "Quick-connect" or specialized clip-in ferrule ends. --- ### 3. Functional Characteristics * **Current Limiting:** The HMS-2-R/Q is designed to interrupt the current long before it reaches its peak during a fault, protecting downstream sensitive electronics. * **Low Watt Loss:** Engineered to have low internal resistance to minimize heat generation during normal operation. * **Discrimination:** These parts are built to allow "selective coordination," meaning only the fuse closest to the fault blows, preventing a total system blackout. --- ### 4. Common Applications The HMS-2-R/Q is found in environments where reliability and high-speed interruption are critical: * **Variable Speed Drives (VSDs):** Protecting the input rectifiers. * **UPS Systems:** Guarding battery strings and inverter circuits. * **Photovoltaic (PV) Inverters:** DC side protection. * **Industrial Control Panels:** Main branch circuit protection.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and Q mounting styles for this series?
    • ⤷ How does the 'High Rupturing Capacity' (HRC) rating protect sensitive semiconductors?
    • ⤷ Can this fuse be used in DC applications
    • ⤷ or is it AC only?