Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HMS-3-R

  • AI
    The **HMS-3-R** is a high-performance, rack-mounted electronic component typically associated with professional intercom systems (often part of the **Clear-Com HelixNet** digital network platform). It serves as a Main Station that manages digital audio channels and power distribution over a network. ### 1. Technical Specifications Overview Below are the primary electronic characteristics of the HMS-3-R: | Feature | Specification | | :--- | :--- | | **Channels** | 12 to 24 digital channels (expandable via licensing) | | **Connectivity** | Ethernet (RJ45), XLR (3-pin and 5-pin), and Option Slots | | **Power Input** | 100-240V AC, 50-60Hz | | **Audio Resolution** | 24-bit / 48kHz digital sampling | | **Form Factor** | 1RU (Rack Unit) standard 19-inch rack mount | --- ### 2. Key Electronic Components & Modules #### A. Internal Digital Processing The heart of the HMS-3-R is a high-speed **FPGA (Field Programmable Gate Array)** or DSP engine. This handles the low-latency routing of uncompressed digital audio. Unlike analog partyline systems, the HMS-3-R uses digital packets to ensure there is no crosstalk or signal degradation over long distances. #### B. Connectivity Interface The rear panel contains several electronic interfaces: * **Powerline Circuitry:** It uses unique signaling to provide power and digital data over standard XLR microphone cables (Powerline technology). * **Ethernet Ports:** Dual LAN ports for linking to network switches and managing the system via a web browser (CCM - Core Configuration Manager). * **Option Slots:** Modular slots that allow for the installation of interface cards (e.g., Dante cards, Fiber modules, or 2-wire/4-wire analog interfaces). #### C. Power Management The unit features an integrated **Switch-Mode Power Supply (SMPS)**. It is designed to be highly efficient and provide "Power-over-XLR" to downstream beltpacks (like the HBP-2X), ensuring that the voltage remains stable even when multiple devices are drawing power simultaneously. --- ### 3. Electronic Architecture Diagram The signal flow within the HMS-3-R follows this logical path: 1. **Input:** Analog/Digital audio from Mic/Headset or Network. 2. **Conversion:** A/D Converters transform analog signals to 24-bit digital streams. 3. **Routing:** The internal CPU/FPGA routes the signal to the assigned channels. 4. **Output:** Signal is distributed via Ethernet (IP) or Powerline (Digital over XLR) to endpoints. ---
    ✨ Follow-up Questions
    • ⤷What are the specific expansion cards available for the HMS-3-R?
    • ⤷ How does the Powerline technology differ from standard PoE?
    • ⤷ What is the maximum number of beltpacks that can be powered by one HMS-3-R?