Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HMS-A-R

  • AI
    The **HMS-A-R** typically refers to a high-precision, wireless surface mount sensing module, often categorized under the **Load Cell / Force Sensor** or **Strain Gauge** accessory family (notably produced by brands like HBM or specialized sensor manufacturers). These units are designed for industrial telemetry and structural health monitoring. --- ### 1. Core Electronic Components The internal circuitry of an HMS-A-R module is specialized for low-power signal conditioning and wireless transmission. | Component Type | Function | Specifications | | :--- | :--- | :--- | | **A/D Converter** | Converts analog strain signals to digital data. | Usually 16-bit to 24-bit resolution. | | **Microcontroller (MCU)** | Processes data and manages power cycles. | Low-power ARM Cortex or similar architecture. | | **Radio Transceiver** | Handles wireless communication (RF). | Frequency ranges often include 2.4 GHz or sub-GHz bands. | | **Antenna** | Integrated or external SMA connector. | Designed for range optimization in metallic environments. | | **Power Management** | Regulates voltage from batteries or energy harvesters. | Ultra-low quiescent current. | --- ### 2. Functional Architecture The electronic operation follows a specific signal chain to ensure data integrity in harsh industrial environments: #### A. The Frontend (Analog) * **Bridge Amplifier:** Amplifies the millivolt signals from the strain gauge bridge. * **Filtering:** Low-pass filters are used to remove high-frequency electronic noise from nearby machinery. #### B. The Digital Processing * **Zero-Point Correction:** The electronics automatically calibrate the "null" state of the sensor. * **Temperature Compensation:** Internal thermistors allow the electronics to adjust for thermal expansion of the material being measured. #### C. Connectivity (The "R" Suffix) The **"R"** usually denotes **Receiver** or **Remote** capability. * **Protocol:** Often uses proprietary encrypted RF protocols or standard ZigBee/Bluetooth Low Energy (BLE). * **Interface:** Provides output via RS-232, RS-485, or CANbus to the host PLC/PC. --- ### 3. Technical Specifications Table | Feature | Typical Value | | :--- | :--- | | **Supply Voltage** | 3.6V (Lithium Battery) or 12-24V DC (Base) | | **Sampling Rate** | 10 Hz to 5 kHz (Variable) | | **Communication Range** | Up to 100 meters (Line of Sight) | | **Enclosure Rating** | IP65 / IP67 (Protection against dust/water) | --- ### 4. Implementation Example If you are integrating this into a system, the wiring typically follows this logic: ```yaml Pinout_Configuration: Pin_1: VCC (Power In) Pin_2: GND (Ground) Pin_3: Data+ (RS-485 A / CAN High) Pin_4: Data- (RS-485 B / CAN Low) Pin_5: Shield (EMC Protection) ```
    ✨ Follow-up Questions
    • ⤷ Are you looking for the specific wiring diagram for the HMS-A-R receiver unit?
    • ⤷ Do you need the configuration software commands for this sensor?
    • ⤷ Is this for a specific application like bridge monitoring or crane scales?