Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HMS-E-R/

  • AI
    The **HMS-E-R** series refers to a specific type of **Miniature Magnetic Sensor** (often categorized under Hall Effect or Magnetic Reed switches) used primarily for position detection in pneumatic cylinders or industrial automation. Below is an explanation of its electronic components and characteristics. ### 1. Core Operating Principles The device operates on the principle of magnetic field detection. When a magnet (usually embedded in a piston) passes the sensor, the internal circuit closes or changes state. | Feature | Specification | | :--- | :--- | | **Switching Logic** | Normally Open (NO) | | **Sensor Type** | Solid State (PNP/NPN) or Reed Switch | | **Voltage Range** | Typically 5V - 30V DC / 5V - 120V AC (model dependent) | | **Switching Current** | 100mA Max | | **Response Time** | < 1.0 ms | --- ### 2. Internal Electronic Components The "E-R" designation usually implies specific electronic configurations: * **Switching Element:** * **Reed Type:** Two overlapping ferromagnetic blades in a glass envelope that pull together in a magnetic field. * **Electronic Type:** A Hall Effect IC that detects flux density and triggers a transistor. * **Protection Circuitry:** * **Reverse Polarity Protection:** Prevents damage if the DC wires are swapped. * **Overload Protection:** A built-in resistor or fuse mechanism to prevent burnout from current spikes. * **Indicator (LED):** A high-intensity LED (usually Red or Green) wired in series/parallel to provide visual confirmation when the circuit is closed. --- ### 3. Wiring Diagram (Electronic Standard) Most HMS-E-R sensors use a 2-wire or 3-wire configuration. | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | V+ | Positive Power Supply | | **Blue** | V- / Common | Negative/Ground | | **Black** | Output | Signal wire (for 3-wire NPN/PNP models) | --- ### 4. Technical Specifications Summary The HMS series is designed for durability in harsh environments. * **Enclosure Rating:** IP67 (Dust tight and water immersion resistant). * **Operating Temperature:** -10°C to +70°C. * **Shock/Vibration Resistance:** Designed to withstand the repetitive movement of pneumatic actuators. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the NPN and PNP versions of the HMS-E-R?
    • ⤷ How do I troubleshoot a sensor that stays 'ON' constantly?
    • ⤷ Can this sensor be used with AC voltage or is it DC only?