Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HMS80-12-R

  • AI
    The **HMS80-12-R** is a specific model of an AC-DC enclosed switching power supply, typically manufactured by **TDK-Lambda** (though the "HMS" series naming conventions are also used by other industrial power providers). It is designed to convert high-voltage AC input into a stable 12V DC output for industrial and medical applications. --- ### ## Technical Specifications The following table summarizes the primary electrical characteristics of the HMS80-12-R: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 85 - 265 VAC (Universal Input) | | **Output Voltage** | 12 VDC | | **Output Current** | 6.7 A | | **Total Power Rating** | 80 Watts | | **Efficiency** | ~82% - 85% (typical) | | **Cooling** | Convection Cooled (No fan required) | | **Safety Certifications** | UL60950-1, EN60950-1 (Industrial Standard) | --- ### ### Key Electronic Components & Features 1. **Switching Regulator (PWM Controller):** The heart of the unit is a Pulse Width Modulation (PWM) controller. It rapidly switches the input voltage to regulate the output, ensuring high efficiency and a smaller physical footprint compared to linear power supplies. 2. **Input Filter (EMI/EMC):** Contains X and Y capacitors and common-mode chokes. These parts prevent electromagnetic interference (EMI) from leaking back into the power grid and protect the internal circuits from external surges. 3. **Electrolytic Capacitors:** High-grade capacitors are used for smoothing the rectified AC voltage and filtering the DC output. In the "R" (RoHS compliant) versions, these are often rated for high temperatures (105°C) to ensure a long service life. 4. **Isolation Transformer:** Provides galvanic isolation between the high-voltage AC input and the 12V DC output, ensuring user safety and protecting sensitive downstream electronics. 5. **Protection Circuitry:** * **Overcurrent Protection (OCP):** Shuts down or limits current if the load exceeds 6.7A. * **Overvoltage Protection (OVP):** Clamps the output if the voltage exceeds a safe threshold (usually ~13.8V-15V). * **Short Circuit Protection:** Prevents damage if the positive and negative terminals are bridged. --- ### ### Physical Construction * **Enclosure:** The "HMS" series usually features a perforated metal cage. This provides mechanical protection and acts as a heat sink. * **Terminal Block:** Standard screw terminals for secure wiring of Input (L, N, Ground) and Output (+V, -V). * **Potentiometer:** Includes a small V.ADJ (Voltage Adjustment) trimmer, allowing the user to fine-tune the 12V output (typically ±10%).
    ✨ Follow-up Questions
    • ⤷ What are the mounting options for the HMS80 series?
    • ⤷ How does the HMS80-12-R handle thermal derating in enclosed spaces?
    • ⤷ Is there a medical-grade version of this power supply available?