Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HORNET-S3

  • AI
    The **HORNET-S3** is typically referred to as a high-performance long-range FPV (First Person View) drone or a specialized RC receiver module (depending on whether you are looking at the full airframe or the radio link system). Below is a breakdown of the core electronic components usually found in a HORNET-S3 configuration. --- ### 1. Flight Control & Power System The "brain" and the "muscles" of the unit manage stability and power distribution. | Component | Function | Key Specifications | | :--- | :--- | :--- | | **Flight Controller (FC)** | Processes sensor data and pilot input. | Often uses F4 or F7 processors with MPU6000 gyros. | | **Electronic Speed Controller (ESC)** | Regulates motor speed and power. | Usually a 4-in-1 ESC supporting 45A-60A current. | | **Brushless Motors** | Provide physical lift. | High-KV motors optimized for 3-inch or 5-inch props. | --- ### 2. Communication System (The "S3" Module) The "S3" designation often refers to the **2.4GHz ELRS (ExpressLRS)** or specialized telemetry modules designed for long-range reliability. * **RF Chipset:** Typically based on the **Semtech SX1280/1281** LoRa chips. * **Telemetry:** Provides real-time data back to the handset (battery voltage, GPS coordinates, signal strength). * **Antenna:** Uses high-gain dipole or "T" style antennas to ensure link stability at several kilometers. --- ### 3. FPV Video Transmission (VTX) This system handles the visual feed sent to the pilot's goggles. ```mermaid graph LR Camera --> VTX VTX --> Antenna Antenna -- Wireless Signal --> Goggles ``` * **Camera:** Low-latency CMOS sensor (e.g., Caddx or Runcam). * **Video Transmitter (VTX):** Switchable power levels (25mW to 1000mW+) to balance heat and range. * **OSD (On-Screen Display):** An integrated chip that overlays flight data (speed, altitude) onto the video feed. --- ### 4. Auxiliary Electronics | Part | Purpose | | :--- | :--- | | **GPS Module** | Enables "Return to Home" (RTH) and position holding. | | **Buzzer** | Acoustic alarm used to find the craft if it crashes in tall grass. | | **Capacitor** | Large electrolytic capacitor (e.g., 35V 1000uF) to filter electrical noise from the motors. | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the HORNET-S3 receiver?
    • ⤷ Does the HORNET-S3 support 6S battery configurations?
    • ⤷ How do I update the firmware on the S3 communication module?