Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HPE-16-R

  • AI
    The **HPE-16-R** typically refers to a high-performance **Power Distribution Unit (PDU)** or a specific **Rectifier/Power Module** used in industrial telecommunications and server rack environments. Specifically, it is often associated with the **CE+T Power** or **TDK-Lambda** ecosystems for converting and managing AC/DC power. Below is an overview of the electronic components and technical specifications related to this type of hardware. --- ### 1. Core Technical Specifications The "HPE" series is generally characterized by high efficiency and modularity. | Feature | Description | | :--- | :--- | | **Input Voltage** | Typically 100V - 240V AC (Universal Range) | | **Output Voltage** | 48V DC (Standard for Telecom) or 12V/24V depending on sub-model | | **Form Factor** | 1U or 2U Rack Mountable (19-inch standard) | | **Redundancy** | N+1 Support (Hot-swappable modules) | | **Cooling** | Internal high-speed DC fans with thermal sensors | --- ### 2. Key Electronic Components The HPE-16-R architecture is built around several critical electronic stages: #### A. Power Factor Correction (PFC) Stage * **Purpose:** Ensures the device draws current in phase with the voltage, reducing energy waste and harmonic distortion. * **Components:** High-power MOSFETs, Inductors, and specialized PFC Controller ICs. #### B. DC-DC Converter (Isolation Stage) * **Purpose:** Steps down the high voltage to the required output levels while providing galvanic isolation for safety. * **Components:** High-frequency Transformers and Optocouplers for feedback loops. #### C. Filtering and Protection Circuitry To ensure "Clean Power," the unit employs: * **EMI/EMC Filters:** Capacitors and Chokes to prevent electromagnetic interference. * **Varistors (MOVs):** To protect against voltage surges and lightning strikes. * **Fusing:** Individual line fuses for overcurrent protection. #### D. Control Logic and Communication * **Microcontroller (MCU):** Manages the digital control loop, monitoring load balancing between modules. * **Communication Interface:** Usually includes an RJ45 (Ethernet) or RS485 port for SNMP, allowing remote monitoring of voltage, current, and temperature. --- ### 3. Physical Interface and Connections | Part | Function | | :--- | :--- | | **Busbars** | High-conductivity copper bars used for internal high-current distribution. | | **Blind Mate Connectors** | Used on the back of the "R" (Rear) modules to allow "Hot-Plugging" without manual wiring. | | **LED Indicators** | Visual status for "Power OK," "Fault," and "Overload." | --- ### 4. Application Context The **HPE-16-R** is most commonly found in: 1. **Data Centers:** Distributing power to servers and switches. 2. **Telecom Base Stations:** Converting AC grid power to 48V DC for cellular antennas. 3. **Industrial Automation:** Providing stable power to PLC systems and robotic controllers.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the HPE-16-R module?
    • ⤷ How does the N+1 redundancy function work in this unit?
    • ⤷ Is the HPE-16-R compatible with SNMP v3 for remote management?