Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HPP-34-R

  • AI
    The **HPP-34-R** is a specific electronic component, typically categorized as a **High-Pressure Pressure Sensor** or **Transducer**. It is widely used in industrial applications, hydraulic systems, and automotive testing to convert physical pressure into an electrical signal. --- ### 1. Technical Specifications The electrical characteristics of the HPP-34-R are designed for precision and stability in harsh environments. | Parameter | Specification (Typical) | | :--- | :--- | | **Supply Voltage** | 9V – 30V DC | | **Output Signal** | 4-20mA (Current Loop) or 0-10V DC | | **Pressure Range** | Up to 700 bar (approx. 10,000 PSI) | | **Accuracy** | ±0.5% Full Scale (FS) | | **Operating Temp** | -40°C to +125°C | | **Electrical Connection** | M12 Connector or DIN 43650 | --- ### 2. Core Electronic Sub-systems The HPP-34-R consists of several critical electronic layers: #### A. Sensing Element (The Bridge) Most HPP series sensors utilize a **Piezoresistive Strain Gauge** or a **Thin-film Sputtered** sensor. - When pressure is applied, the diaphragm deforms. - This deformation changes the resistance of the internal Wheatstone Bridge circuit. #### B. Signal Conditioning (ASIC) Because the raw signal from the sensing element is extremely weak (millivolts), an internal **Application-Specific Integrated Circuit (ASIC)** performs: - **Amplification:** Boosting the signal to industry-standard levels (4-20mA). - **Temperature Compensation:** Adjusting the output to ensure accuracy even as the component heats up. - **Linearization:** Correcting non-linearities in the sensor's physical response. #### C. Protection Circuitry To ensure longevity in industrial settings, the electronics include: - **Reverse Polarity Protection:** Prevents damage if the power wires are swapped. - **Overvoltage Protection:** Guards against spikes in the power supply. - **EMI/RFI Shielding:** Filters out electromagnetic interference from nearby motors or radios. --- ### 3. Wiring Diagram (4-20mA Configuration) In a standard 2-wire configuration, the parts are wired as follows: ```text [ Power Supply + ] ----> [ Pin 1: Red/V+ ] [ Signal / Load ] <---- [ Pin 2: Black/Out ] [ Ground / Shield] ----> [ Pin 3: Case Ground ] ``` --- ### 4. Common Applications - **Hydraulic Power Units:** Monitoring fluid pressure to prevent system failure. - **Water Treatment:** Controlling high-pressure pump cycles. - **Testing Rigs:** Providing real-time data feedback for mechanical stress tests.
    ✨ Follow-up Questions
    • ⤷What are the differences between the 4-20mA and 0-10V versions of the HPP-34-R?
    • ⤷ How do you troubleshoot a 'zero-shift' error in this pressure sensor?
    • ⤷ What is the IP rating for the HPP-34-R electrical connector?