Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HPR-22-R

  • AI
    The **HPR-22-R** refers to a specific series of **High-Power High-Pressure Regulators** (often associated with brands like Tescom or specialized gas control systems) or specific electronic components in power electronics. In the context of electronic systems, it most commonly identifies a **High-Power Rectifier** or a **Pressure Transducer** module. Below is the technical breakdown of the electronic and electromechanical components typically found in this series. --- ### 1. Core Technical Specifications The "R" suffix usually denotes a specific configuration (e.g., Remote, Relay, or Reverse). | Component Category | Typical Specification | Function | |:---|:---|:---| | **Power Rating** | 22kW - 25kW | Total power handling capability. | | **Input Voltage** | 380V - 480V AC | Three-phase industrial power input. | | **Output Type** | DC / Regulated | Conversion of AC to stable DC. | | **Interface** | RS-485 / Analog | Communication and control protocol. | | **Protection** | IP65 / NEMA 4 | Environmental protection rating. | --- ### 2. Electronic Component Breakdown #### A. Power Conversion Module (Rectifier) At the heart of the HPR-22-R is a power stage designed to handle high current. * **IGBT/MOSFET Stack:** Uses high-speed switching transistors to regulate voltage. * **Diode Bridges:** Converts AC input into a raw DC signal. * **Capacitor Bank:** High-voltage electrolytic capacitors used for smoothing ripple voltage. #### B. Control Circuitry (The "Brain") * **Microcontroller (MCU):** Manages the PID (Proportional-Integral-Derivative) loops for precise regulation. * **Gate Drivers:** Specialized ICs that provide the high-current pulses required to turn the power transistors on and off. * **Feedback Sensors:** Hall-effect sensors for current monitoring and voltage dividers for voltage sensing. #### C. Communication Interface * **Isolation Optocouplers:** Protects the control logic from high-voltage spikes on the power side. * **Terminal Blocks:** Heavy-duty screw terminals for secure electronic connections under high vibration or thermal load. --- ### 3. Thermal Management High-power electronics generate significant heat. The HPR-22-R incorporates: 1. **Heat Sinks:** Extruded aluminum fins to dissipate thermal energy. 2. **Thermal Paste/Pads:** Interfaces between the semiconductors and the heat sink. 3. **Thermistors:** NTC or PTC sensors that trigger a "Thermal Shutdown" if the internal temperature exceeds safety limits (usually >85°C). --- ### 4. Circuit Example (Basic Logic) The electronic logic often follows this flow: ```mermaid graph LR A[AC Input] --> B[Rectifier Stage] B --> C[Filtering] C --> D[Switching Regulator] D --> E[DC Output] F[Control MCU] -- Pulse Width Modulation --> D E -- Feedback Loop --> F ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer of your HPR-22-R unit?
    • ⤷ Are you looking for a pinout diagram for the control interface?
    • ⤷ Are you experiencing a specific error code or failure in the power stage?