Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HPR-80VD-H-R

  • AI
    The **HPR-80VD-H-R** is a high-performance, high-voltage proximity sensor (or relay component) typically used in specialized industrial power distribution and protection systems. Below is a breakdown of its electronic characteristics and functional components. --- ## 1. Technical Specifications The device is designed for detection and switching in high-voltage environments. The nomenclature usually refers to specific ratings: | Parameter | Specification (Typical) | | :--- | :--- | | **Model Series** | HPR High-Power Relay/Sensor | | **Voltage Rating** | 80V DC (System specific) | | **Form Factor** | "VD" often denotes Vertical/DIN mounting or Voltage Detection | | **Contact Configuration** | Single-Pole Single-Throw (SPST) or specific solid-state output | | **Response Time** | High-speed (Millisecond range) | --- ## 2. Key Electronic Components The internal circuitry of this part generally consists of three main stages: ### A. Sensing Element * **Purpose:** Monitors the input voltage or magnetic field. * **Component:** Uses a **Hall Effect Sensor** or a precision **Voltage Divider** network. This allows the device to trigger without physical contact or with high isolation from the main current. ### B. Signal Processing (IC) * **Purpose:** Evaluates the input against a preset threshold. * **Component:** Includes a **Comparator IC** and logic gates. In the "H-R" variants, there is often a **Hysteresis Loop** built into the circuit to prevent "chattering" (rapid switching) when the input is near the threshold level. ### C. Output Driver * **Purpose:** To interface with an external PLC or Control Unit. * **Component:** Uses an **Optocoupler** for electrical isolation and a **MOSFET** or **Transistor** output stage to provide a clean digital signal (High/Low). --- ## 3. Physical Features & Termination The "H-R" suffix often indicates specific physical orientations or RoHS compliance standards. * **Housing:** Flame-retardant plastic (UL94V-0 rated). * **Encapsulation:** Epoxy resin potting to protect electronic parts from vibration and moisture. * **Terminals:** Silver-alloy or gold-plated pins to ensure low contact resistance and prevent oxidation over long-term use. --- ## 4. Typical Applications 1. **High-Voltage Battery Systems:** Monitoring discharge thresholds in 80V battery banks. 2. **Industrial Automation:** Proximity sensing for heavy machinery where high noise immunity is required. 3. **Power Distribution Units (PDUs):** Over-voltage or under-voltage protection signaling.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature range for the HPR series?
    • ⤷ Does this model support NPN or PNP output logic?
    • ⤷ How does the 'H-R' suffix affect the mounting footprint?