Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HPV-0-R

  • AI
    The **HPV-0-R** typically refers to a high-voltage proportional valve or a specific series of hydraulic control valves used in industrial automation. From an electronics and control perspective, this component functions as an electro-hydraulic interface. Below is a breakdown of the electronic parts and control characteristics associated with this type of hardware. --- ### 1. Electronic Control Components The HPV-0-R operates by converting an electrical signal into mechanical movement to regulate fluid flow or pressure. | Component | Description | Function | | :--- | :--- | :--- | | **Solenoid Actuator** | An electromagnetic coil wrapped around a plunger. | Converts electrical energy into linear mechanical force. | | **Proportional Amplifier** | An external or integrated driver circuit. | Regulates the current sent to the solenoid to ensure precise positioning. | | **LVDT (Optional)** | Linear Variable Differential Transformer. | Provides feedback on the spool position for closed-loop control. | | **Connector Interface** | Usually a DIN 43650 or M12 connector. | Provides the physical link for power and control signals (0-10V or 4-20mA). | --- ### 2. Operating Principles The electronics of the HPV-0-R are designed to handle variable inputs rather than simple "On/Off" states. * **PWM Control:** Most modern controllers use **Pulse Width Modulation (PWM)** to drive the solenoid. This reduces heat and overcomes "stiction" (static friction) by keeping the spool in a constant micro-vibration (dither). * **Dither Signal:** A small AC component superimposed on the DC control signal. It ensures the valve remains responsive and minimizes hysteresis. * **Current Control:** Unlike standard valves that are voltage-driven, proportional valves are **current-driven** (e.g., 0 to 1.5 Amps) to ensure consistent force regardless of coil temperature changes. --- ### 3. Electrical Specifications (Typical) While specific data varies by manufacturer (e.g., Hoerbiger or similar hydraulic brands), the general electronic profile is as follows: ```yaml Signal_Types: - Voltage: 0 to 10 VDC - Current: 4 to 20 mA Power_Supply: 24 VDC (Standard Industrial) Coil_Resistance: 5 to 30 Ohms (depending on model) Protection_Class: IP65 or IP67 ``` --- ### 4. Integration Diagram When wiring the HPV-0-R into a system, the flow follows this electronic path: 1. **PLC/Controller:** Sends a setpoint signal (0-10V). 2. **Proportional Driver:** Receives the signal and converts it to a PWM current. 3. **HPV-0-R Solenoid:** Creates a magnetic field proportional to the current. 4. **Spool Movement:** Adjusts the hydraulic orifice based on the magnetic force.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the HPV-0-R connector?
    • ⤷ How do I calibrate the dither frequency for this valve?
    • ⤷ What are the common failure modes of the solenoid coil in these valves?