Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HPV-6-R

  • AI
    The term **HPV-6-R** usually refers to a specific component used in professional lighting, stage equipment, or specialized medical devices—most commonly a **High-Pressure Sodium (HPS) or UV ballast/ignitor module**. Below is a breakdown of the electronic parts and their functions within such a module. --- ### 1. Core Component Breakdown The HPV-6-R is essentially a power regulation and ignition circuit. Its electronic architecture is designed to handle high-voltage pulses required to strike an arc in a discharge lamp. | Component Type | Function in HPV-6-R | Technical Characteristic | | :--- | :--- | :--- | | **Ignitor Circuit** | Generates the initial high-voltage spike to start the lamp. | 2.5kV to 5kV pulse range. | | **Step-up Transformer** | Converts input voltage to the necessary ignition levels. | Ferrite or iron core depending on frequency. | | **Coupling Capacitor** | Stores energy for the discharge pulse and filters noise. | High-voltage ceramic or film capacitor. | | **Resistor Network** | Limits current to the internal control circuitry. | Metal oxide or wire-wound for heat dissipation. | | **Triac/Thyristor** | Acts as the electronic switch to trigger the pulse. | High-speed switching at zero-crossings. | --- ### 2. Electronic Working Principle The HPV-6-R operates in three distinct electronic phases: 1. **Charging Phase:** When power is applied, the internal **capacitors** charge through a resistive bridge. 2. **Triggering Phase:** Once the breakdown voltage of the internal **diac/triac** is reached, the stored energy is dumped into the primary winding of the **pulse transformer**. 3. **Inductive Kick (Ignition):** The transformer creates a massive electromagnetic field, resulting in a high-voltage "kick" (the R-series designation often refers to **Resonance** or **Remote** capability) that jumps the gap in the lamp's electrodes. 4. **Sustain Mode:** Once the lamp is lit, the HPV-6-R circuitry detects the drop in impedance and stops the ignition pulses to prevent damaging the electronics. --- ### 3. Technical Specifications (Typical) While specifications can vary by manufacturer (such as BAG or Vossloh-Schwabe), the "R" series generally follows these electronic parameters: * **Voltage Input:** 220V - 240V AC (50/60Hz). * **Max Current Load:** Typically rated for lamps between 70W and 400W. * **Ignition Voltage:** > 1.0 kV (Peak). * **Thermal Protection:** Integrated thermistor (PTC) to prevent overheating if the lamp fails to strike. --- ### 4. Circuit Protection Features Modern HPV-6-R modules include protective electronic layers: * **Timed Cut-off:** Prevents the ignitor from firing indefinitely if the bulb is broken (prevents transformer burnout). * **Encapsulation:** The electronic parts are usually potted in **epoxy resin** to protect against vibration, moisture, and high-voltage arcing within the casing.
    ✨ Follow-up Questions
    • ⤷ What are the common failure symptoms of an HPV-6-R module?
    • ⤷ How do you test the capacitance of a ballast ignitor safely?
    • ⤷ What is the difference between a pulse-start and a standard HPV-6-R circuit?