Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HPV-A-R

  • AI
    The **HPV-A-R** typically refers to a high-performance **High Pressure Relief Valve** or a specific series of **Proportional Relief Valves** used in hydraulic and pneumatic control systems. While the core component is mechanical (a valve), the "Electronic" aspect refers to the **Solenoid Actuator** and the **Electronic Control Unit (ECU/Driver)** used to modulate it. ### 1. Key Electronic Components The electronic operation of an HPV-A-R valve relies on the following parts: | Component | Function | Description | | :--- | :--- | :--- | | **Proportional Solenoid** | Actuator | Converts electrical current into a mechanical force to move the valve spool. | | **PWM Controller** | Signal Modulator | Uses Pulse Width Modulation to control the average current, preventing overheating. | | **LVDT Sensor** | Feedback | (Optional) Linear Variable Differential Transformer to monitor precise spool position. | | **DIN Connector** | Interface | The electrical plug (often 3-pin or 4-pin) that connects the valve to the power source. | --- ### 2. Technical Specifications (Electronic) Most HPV series proportional valves operate within standard industrial electronic parameters: * **Supply Voltage:** Usually 12V DC or 24V DC. * **Control Signal:** 0-10V (Voltage control) or 4-20mA (Current control). * **Coil Resistance:** Typically ranges from 5 to 25 Ohms depending on the model. * **Hysteresis:** < 3% (Electronic dither is often applied to reduce friction/stiction). --- ### 3. Connection Diagram Logic The wiring for these units generally follows a standard bridge or driver configuration: ```yaml Pin 1: Positive (+) Supply / Signal High Pin 2: Negative (-) Return / Signal Low Pin 3: Earth Ground (PE) ``` ### 4. Electronic Control Strategy: Dither To ensure the HPV-A-R responds smoothly, the electronic driver applies **Dither**. This is a small, high-frequency AC signal superimposed on the DC control current. It keeps the internal armature in a state of "micro-vibration," which eliminates **static friction** and ensures immediate response to pressure setpoint changes. ---
    ✨ Follow-up Questions
    • ⤷ What is the standard PWM frequency used for HPV-A-R solenoid drivers?
    • ⤷ How do I troubleshoot a solenoid coil failure in this valve?
    • ⤷ Is there a specific amplifier card recommended for the HPV-A-R series?