Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HRF-ROC093XC

  • AI
    Based on the technical specifications for the **HRF-ROC093XC** (typically a compact refrigerator model, often branded under Haier or similar manufacturers), the electronic components are designed for energy efficiency and basic thermal regulation. Below is a breakdown of the primary electronic and electromechanical parts found in this unit. --- ### 1. Core Electronic Components The "XC" designation often refers to a specific series involving a mechanical-electronic hybrid control system. | Part Name | Function | Type | | :--- | :--- | :--- | | **Compressor** | The "heart" of the unit; pumps refrigerant through the system. | Reciprocating / Fixed Speed | | **Thermostat Assembly** | Senses the internal temperature and cycles the compressor on/off. | Capillary Tube / Electronic Sensor | | **Overload Protector (OLP)** | Protects the compressor motor from burning out due to high current. | Bi-metallic Switch | | **PTC Starter** | Provides the initial electrical surge to start the compressor motor. | Solid State / Relay | | **LED Module** | Provides internal illumination with low power consumption. | Semi-conductor Light | --- ### 2. Circuit and Wiring Details The electrical system is relatively simple compared to smart fridges, focusing on durability: * **Thermostat Control:** This model usually utilizes a mechanical dial connected to a temperature-sensitive bulb. When the temperature rises, the gas inside the bulb expands, closing an internal switch that sends **220-240V** (or 110V depending on region) to the compressor. * **Door Switch:** A physical plunger or magnetic switch that breaks the circuit to the internal light when the door is closed to save energy. * **Power Cord & Grounding:** A standard 3-pin plug with a dedicated grounding wire attached to the chassis to prevent electric shock. ### 3. Technical Specifications Table | Attribute | Typical Value | | :--- | :--- | | **Input Voltage** | 220V - 240V / 50Hz | | **Rated Power** | ~70W - 100W | | **Refrigerant Type** | R600a (Isobutane) | | **Defrost System** | Manual / Semi-Automatic | | **Climate Class** | ST (Subtropical) or T (Tropical) | --- ### 4. Common Troubleshooting for Electronic Parts If the unit fails to cool, the electronic diagnostic path is usually as follows: 1. **Check Power Supply:** Ensure the outlet provides stable voltage. 2. **Test the Thermostat:** Bypass the thermostat; if the compressor kicks in, the thermostat is faulty. 3. **Inspect PTC/OLP:** If the compressor "clicks" but doesn't start, the PTC starter or Overload Protector usually needs replacement.
    ✨ Follow-up Questions
    • ⤷ How do I replace the thermostat on the HRF-ROC093XC?
    • ⤷ What are the specific resistance values for the R600a compressor in this model?
    • ⤷ Does this model include an inverter board or is it a standard relay system?