Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HRS-0F-R

  • AI
    The **HRS-0F-R** is a specific part number typically associated with **Hollow Shaft Rotary Potentiometers** or **Encoders**, often manufactured by companies like Noble or similar electronic component vendors. These components are primarily used for digital menu navigation, volume control, and parameter adjustments in consumer electronics. --- ### 1. Technical Specifications Below are the typical technical characteristics for the HRS series (specifically the 0F-R variant): | Parameter | Specification | | :--- | :--- | | **Type** | Hollow Shaft Rotary Potentiometer/Encoder | | **Shaft Style** | Hollow (designed to fit over a D-shape or hexagonal stem) | | **Rotation Angle** | 360° (Continuous) | | **Resistance / Output** | Incremental Pulse or Analog Resistance (Model dependent) | | **Mounting Type** | Surface Mount (SMD) or Through-Hole | | **Operating Life** | 30,000 to 100,000 cycles | | **Operating Temp** | -10°C to +70°C | --- ### 2. Key Features * **Hollow Shaft Design:** This allows the component to have a very low profile. It is often used in devices where space is at a premium, as other components or LEDs can sometimes be placed in the center. * **Tactile Feedback:** Most variants include "detents" (clicks) that provide the user with physical feedback when turning the dial. * **Compact Form Factor:** Specifically engineered for modern handheld devices and slim control panels. --- ### 3. Common Applications The HRS-0F-R is widely used in industries requiring human-machine interface (HMI) controls: 1. **Automotive:** Volume and temperature control knobs on dashboards. 2. **Home Appliances:** Cycle selectors for microwave ovens, washing machines, or air conditioners. 3. **Audio Equipment:** Digital workstations, mixers, and portable media players. 4. **Medical Devices:** Parameter adjustment dials on monitoring equipment. --- ### 4. Circuit Implementation (Example) In a digital circuit, this part acts as an incremental encoder. Below is a conceptual example of how the pins are often interfaced with a Microcontroller (MCU). ```c // Pseudo-code for reading a rotary encoder like HRS-0F-R int pinA = 2; // Phase A int pinB = 3; // Phase B void setup() { pinMode(pinA, INPUT_PULLUP); pinMode(pinB, INPUT_PULLUP); } void loop() { // Logic to detect quadrature phase shift to determine // direction (Clockwise vs Counter-Clockwise) } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the '0F-R' and other suffixes in this series?
    • ⤷ Can this component be used as a standard volume potentiometer?
    • ⤷ What are the PCB footprint requirements for mounting the HRS-0F-R?