Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HRS-46-R

  • AI
    The **HRS-46-R** is a specific model of a **Miniature High-Power Relay**, typically manufactured by companies like *HKE (Zhejiang HKE Relay)*. It is designed for PCB (Printed Circuit Board) mounting and is widely used in household appliances and industrial control systems. --- ## 1. Technical Specifications The following table outlines the primary electrical and mechanical characteristics of the HRS-46-R: | Feature | Specification | | :--- | :--- | | **Contact Form** | 1 Form A (SPST-NO) or 1 Form C (SPDT) | | **Contact Rating** | 10A to 16A @ 250VAC / 30VDC | | **Max Switching Voltage** | 250VAC / 30VDC | | **Coil Nominal Voltage** | Options: 3V, 5V, 6V, 9V, 12V, 24V, 48V (DC) | | **Coil Power Consumption** | Approx. 0.20W to 0.45W (Standard/Sensitive) | | **Dielectric Strength** | 1,000VAC (between open contacts) / 5,000VAC (between coil and contact) | | **Operating Temperature** | -40°C to +85°C | --- ## 2. Key Internal Components The relay functions through the interaction of several electronic and mechanical parts: 1. **The Coil:** A copper wire winding around a core. When energized, it creates a magnetic field. 2. **The Armature:** A movable metal piece that reacts to the magnetic field. 3. **Contacts:** Usually made of silver alloy (e.g., AgSnO2 or AgNi) to resist "arcing" and welding during high-current switching. 4. **Spring Mechanism:** Ensures the contacts return to their original position once the coil is de-energized. 5. **Casing:** A plastic, often flame-retardant (UL94V-0), sealed shell that protects internal parts from dust and moisture. --- ## 3. Circuit Integration When designing a circuit with the HRS-46-R, a **Flyback Diode** (Freewheeling Diode) should be placed in parallel with the coil to protect the driving transistor from voltage spikes. ```python # Example: Simple logic for a microcontroller controlling the HRS-46-R if sensor_value > threshold: gpio_pin.set_high() # Energizes the coil via transistor, closing the relay else: gpio_pin.set_low() # De-energizes the coil, opening the relay ``` --- ## 4. Common Applications * **Home Automation:** Controlling lights, smart plugs, and heaters. * **Appliances:** Air conditioners, washing machines, and microwave ovens. * **Industrial:** PLC output modules and motor control.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 1 Form A and 1 Form C contact configurations for this relay?
    • ⤷ How do I calculate the appropriate flyback diode for the HRS-46-R?
    • ⤷ What are the specific dimensions for PCB footprint layout?