Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HSB-R001NJ

  • AI
    The **HSB-R001NJ** is a specialized high-power, low-resistance shunt resistor commonly used for current sensing applications. It is part of the **HSB series** produced by manufacturers like **KOA Speer** or similar power electronics component specialists. ### 1. Key Technical Specifications The part number signifies specific electrical characteristics. Below is a breakdown of its primary electronic properties: | Feature | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 1.0 mΩ (0.001Ω) | Ultra-low resistance to minimize power loss. | | **Tolerance** | ±5% (J) | Indicates the deviation from the nominal resistance. | | **Power Rating** | High Wattage (varies by size) | Typically designed for 3W to 5W+ environments. | | **Structure** | Metal Plate / Shunt | Made of solid metal alloy for stability. | | **TCR** | Low Temperature Coefficient | Ensures resistance stays stable as the part heats up. | --- ### 2. Physical Construction The HSB-R001NJ is built to withstand high current loads without thermal runaway. * **Material:** It typically utilizes a **Manganese-Copper** or **Nickel-Chrome** alloy plate. * **Terminal Type:** It often features a large surface-mount (SMD) footprint or a specialized "J-lead" / bus-bar style terminal to handle high currents. * **Heat Dissipation:** The metal plate construction allows heat to be transferred quickly to the PCB copper traces. --- ### 3. Functional Application In a circuit, the HSB-R001NJ acts as a **Current Shunt**. By placing it in series with a load, a small voltage drop occurs across the resistor ($V = I \times R$). #### Typical Use Cases: 1. **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in EV batteries. 2. **Motor Controllers:** Sensing phase current to protect the motor from overcurrent. 3. **Power Supplies:** Implementing feedback loops for constant current regulation. 4. **DC-DC Converters:** High-efficiency power conversion monitoring. --- ### 4. Circuit Implementation Example When using this part, it is standard practice to use a **Kelvin Connection** (4-wire sensing) to ensure the resistance of the PCB traces does not affect the measurement. ```cpp // Logic flow for Current Sensing with HSB-R001NJ float V_shunt = readADC(pins); // Voltage drop measured across the resistor float R_value = 0.001; // 1mOhm (HSB-R001NJ) float Current = V_shunt / R_value; if (Current > Limit) { Trigger_Protection(); } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity for the HSB-R001NJ based on its wattage?
    • ⤷ How does the 'J' suffix in the part number impact measurement accuracy?
    • ⤷ What are the recommended PCB layout tips for 1mΩ shunt resistors?