Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HSB276AS

  • AI
    ## Overview of the HSB276AS The **HSB276AS** is a high-speed switching diode typically used in consumer electronics, telecommunications, and industrial control circuits. It belongs to the **Schottky Barrier Diode** family, known for its low forward voltage drop and fast switching capabilities. --- ### Key Technical Specifications | Parameter | Symbol | Value (Typical) | | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 30V | | **Average Rectified Output Current** | $I_o$ | 100mA | | **Forward Voltage Drop** | $V_F$ | 0.35V @ $I_F$ = 1mA | | **Reverse Current** | $I_R$ | 2.0µA @ $V_R$ = 10V | | **Capacitance between terminals** | $C_t$ | 0.8pF | | **Package Type** | SOT-23 / SC-59 | Surface Mount (SMD) | --- ### Core Characteristics 1. **Low Forward Voltage ($V_F$):** Unlike standard silicon diodes (which have a $V_F$ of ~0.7V), the HSB276AS operates at a much lower threshold. This reduces power dissipation and improves efficiency in battery-powered devices. 2. **Ultra-High Speed Switching:** Due to the Schottky barrier mechanism, the diode has minimal reverse recovery time ($t_{rr}$). This makes it ideal for high-frequency signal processing and fast logic circuits. 3. **Small Form Factor:** The HSB276AS is usually housed in an **SMD (Surface Mount Device)** package, allowing for high-density PCB designs. --- ### Common Applications * **Signal Detection:** Used in radio frequency (RF) circuits for envelope detection. * **Clamping Circuits:** Protects sensitive IC inputs by limiting voltage spikes. * **Logic Gates:** Often used in "Diode-Resistor Logic" where high-speed transitions are required. * **Reverse Polarity Protection:** Protecting low-current circuits from accidental battery reversal. --- ### Pin Configuration (SOT-23) In a standard 3-pin SOT-23 package, the internal structure is often configured as follows: ```text [ Pin 3 ] (Cathode) | +-----+-----+ | | [Pin 1] [Pin 2] (Anode) (No Connection/Anode) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between HSB276AS and a standard 1N4148 diode?
    • ⤷ Can HSB276AS be used for power rectification?
    • ⤷ Which manufacturers currently produce the HSB276AS?