Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HSM276ASR

  • AI
    The **HSM276ASR** is a specialized surface-mount (SMD) diode array commonly used in high-frequency switching and signal processing. It is typically manufactured by Renesas (formerly Hitachi). --- ## 1. Core Specifications The HSM276ASR is classified as a **Silicon Epitaxial Planar Diode**. It is designed for low-capacitance and high-speed applications. | Parameter | Value | | :--- | :--- | | **Package Type** | SC-59 / MPAK (Small Surface Mount) | | **Configuration** | Series Connection (2 Diodes) | | **Repetitive Peak Reverse Voltage ($V_{RM}$)** | 85V | | **Forward Current ($I_F$)** | 100mA | | **Reverse Recovery Time ($t_{rr}$)** | ~4.0ns (Nanoseconds) | | **Capacitance ($C$)** | ~1.2pF to 2.0pF | --- ## 2. Key Features * **High Speed:** The ultra-fast reverse recovery time ($t_{rr}$) allows it to switch states rapidly without significant power loss or signal distortion. * **Low Capacitance:** Low parasitic capacitance ensures that it does not filter out high-frequency components of a signal. * **Dual Diode Configuration:** Usually contains two diodes connected in series within a single 3-pin package. This saves PCB real estate and ensures thermal matching between the two components. --- ## 3. Circuit Configuration The internal structure typically follows a **Series Connection** (Anode to Cathode): ```text Pin 1: Anode (Diode 1) Pin 2: Cathode (Diode 2) Pin 3: Common (Cathode 1 / Anode 2) ``` --- ## 4. Typical Applications The HSM276ASR is widely found in the following electronic sectors: 1. **Switching Power Supplies:** Used in high-speed rectification. 2. **Signal Clipping/Clamping:** Protecting sensitive IC inputs from overvoltage. 3. **Communication Devices:** Used in RF (Radio Frequency) circuits for signal detection or modulation due to its low capacitance. 4. **Logic Circuits:** Facilitating high-speed digital logic gates. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between HSM276ASR and a standard 1N4148 diode?
    • ⤷ Can you provide the pinout diagram for the SC-59 package?
    • ⤷ What are the thermal resistance limits for this specific diode?