Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HSP-12-R

  • AI
    The **HSP-12-R** typically refers to a high-current, horizontal-mount screw terminal (bus bar connector) manufactured by companies like **ERNI (TE Connectivity)** or similar power electronic component suppliers. These are part of the "PowerElement" series designed to provide high-amperage connections directly to a Printed Circuit Board (PCB). --- ### 1. Key Technical Specifications The "HSP" designation usually denotes high-current capability and specific mechanical orientation. | Feature | Typical Specification | | :--- | :--- | | **Current Rating** | Up to 130A - 200A (Depending on PCB design) | | **Material** | Copper Alloy / Brass with Tin Plating | | **Connection Type** | Screw Terminal (M5 or M6 typically) | | **Mounting Style** | Press-fit or Solder (90° Horizontal) | | **Operating Temp** | -55°C to +150°C | --- ### 2. Core Electronic Functions The HSP-12-R is not an active component (like a transistor) but a **passive power interconnect**. Its primary roles include: * **Power Distribution:** Acting as a bridge between heavy-gauge external cables and the copper traces of a PCB. * **Low Resistance Path:** Engineered with extremely low contact resistance to prevent heat buildup during high-current transfers. * **Mechanical Stability:** The "R" often signifies a Right-Angle (90 degree) configuration, allowing cables to be bolted parallel to the board, reducing the vertical profile of the assembly. --- ### 3. Structural Breakdown * **The Body:** A solid block of conductive metal (usually tin-plated brass) that provides the mass needed to handle high thermal loads. * **Press-fit Pins:** These parts utilize multiple elastic pins that are pressed into PCB plated-through holes. This creates a "cold weld" connection that is more vibration-resistant than standard soldering. * **Threaded Interface:** An internal thread (the "12" in some naming conventions refers to the size or pin count) allows a bolt to secure a ring terminal or bus bar. --- ### 4. Common Applications These parts are found in industrial environments where high power density is required: 1. **Automotive Inverters:** Connecting battery leads to the motor controller. 2. **Power Supplies:** High-wattage server power units. 3. **Battery Management Systems (BMS):** Handling the main charging/discharging lines. 4. **Industrial Automation:** Powering heavy-duty relays and motor drives.
    ✨ Follow-up Questions
    • ⤷ What is the maximum torque specification for the screw terminal on the HSP-12-R?
    • ⤷ How does press-fit technology differ from wave soldering for these high-current parts?
    • ⤷ Can the HSP-12-R be used in dual-layer or multi-layer PCB designs?