Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HSP-23-R

  • AI
    The **HSP-23-R** is a specialized electronic component, most commonly identified as a **Micro-Switch** or **Snap Action Switch**, frequently utilized in industrial automation, security systems, and high-precision mechanical sensing. --- ### 1. Key Technical Specifications The electrical characteristics of the HSP-23-R define its load-bearing capacity and operational limits: | Parameter | Value / Specification | | :--- | :--- | | **Switch Type** | Snap Action Micro-Switch | | **Contact Configuration** | SPDT (Single Pole Double Throw) | | **Current Rating** | Typically 3A to 5A (model dependent) | | **Voltage Rating** | 125V AC / 250V AC | | **Actuator Type** | Pin Plunger or Lever-type | | **Termination Style** | Solder Terminals / Quick Connect | --- ### 2. Internal Electronic Construction The device consists of three primary internal mechanisms that govern its performance: 1. **The Contact Material:** Usually made of silver alloy to ensure high conductivity and minimize oxidation over thousands of cycles. 2. **Snap-Action Spring:** A beryllium copper or stainless steel leaf spring that ensures a rapid transition between contacts, minimizing "arcing" (electrical sparks) that can damage the switch. 3. **Insulation Housing:** Constructed from high-temp thermoplastic (like PBT or Phenolic resin) to provide high dielectric strength and prevent short circuits. --- ### 3. Circuit Configuration (SPDT) The HSP-23-R typically features three terminals: * **COM (Common):** The input terminal where power enters. * **NO (Normally Open):** The circuit is broken until the button is pressed. * **NC (Normally Closed):** The circuit is continuous until the button is pressed. ```mermaid graph LR A[Common] --- B{Internal Switch} B -- Default --| NC[Terminal 1] B -- Actuated --| NO[Terminal 2] ``` --- ### 4. Common Applications Due to its reliability, the HSP-23-R is used in: * **End-stops:** In 3D printers or CNC machines to signal the limit of travel. * **Safety Interlocks:** On microwave doors or industrial machinery guards. * **Pressure Sensing:** Acting as a trigger for fluid or air pressure diaphragms.
    ✨ Follow-up Questions
    • ⤷ What are the mechanical life expectancy ratings for the HSP-23-R?
    • ⤷ How do I wire this switch for a 'normally closed' safety circuit?
    • ⤷ Are there waterproof versions (IP67) of this specific switch model?