Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HT-100V150MH10E-R2

  • AI
    The part number **HT-100V150MH10E-R2** refers to a high-reliability, surface-mount **Aluminum Electrolytic Capacitor**. These components are typically used in power supplies, automotive electronics, and industrial circuits for filtering and energy storage. --- ### 1. Technical Specifications Breakdown The alphanumeric code provides specific details regarding the component's electrical characteristics and physical dimensions: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Series** | HT | Indicates a High-Temperature, Low Impedance series. | | **Voltage Rating** | 100V | Maximum working DC voltage (WVDC). | | **Capacitance** | 150µF | Nominal capacitance (150 microfarads). | | **Tolerance** | ±20% (M) | Standard tolerance for electrolytic capacitors. | | **Size Code** | H10 | Refers to the case dimensions (typically 10mm diameter). | | **Termination** | E-R2 | Denotes SMD (Surface Mount Device) lead style and RoHS compliance. | --- ### 2. Key Features These capacitors are designed for demanding environments. Key electronic characteristics include: * **Low ESR (Equivalent Series Resistance):** Designed to handle high ripple currents without excessive heat generation. * **High Temperature Rating:** Typically rated for operation up to **125°C** or **135°C**, making them suitable for automotive under-the-hood applications. * **Long Life:** Engineered for high endurance (e.g., 2,000 to 5,000 hours at maximum rated temperature). * **Vibration Resistance:** The "R2" designation often implies a vibration-proof structure with additional supporting terminals. --- ### 3. Common Applications Due to its high voltage rating (100V) and thermal stability, this part is found in: 1. **DC-DC Converters:** Input/Output filtering in industrial power modules. 2. **LED Drivers:** Smoothing the rectified output to ensure flicker-free lighting. 3. **Automotive ECUs:** Power management for Engine Control Units or ADAS systems. 4. **Telecommunications:** Power backup and noise decoupling in 48V systems. --- ### 4. Comparison with Standard Capacitors | Feature | Standard Electrolytic | HT-100V150MH10E-R2 | | :--- | :--- | :--- | | **Mounting** | Through-hole | SMD (Surface Mount) | | **Temp Range** | Up to 85°C / 105°C | Up to 125°C+ | | **Durability** | Standard | High Vibration Resistant |
    ✨ Follow-up Questions
    • ⤷ What is the exact ripple current rating for this capacitor series?
    • ⤷ Are there alternative capacitors with a smaller footprint but the same 100V rating?
    • ⤷ How does the 'Low ESR' property improve power supply efficiency?