Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HT-10V331MG10-R2

  • AI
    The part number **HT-10V331MG10-R2** refers to a **Surface Mount (SMD) Aluminum Electrolytic Capacitor**. These components are widely used in power management and filtering circuits due to their high capacitance-to-volume ratio. --- ### 1. Part Number Breakdown While naming conventions vary slightly by manufacturer (often associated with brands like Huatong or Lelon), the alphanumeric string typically breaks down as follows: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **HT** | Series Code | High-Temperature / Standard Low Impedance series | | **10V** | Rated Voltage | **10 Volts** (Maximum continuous operating voltage) | | **331** | Capacitance Code | **330 µF** (33 followed by one zero, in picofarads/microfarads) | | **M** | Tolerance | **±20%** (Standard industry tolerance for electrolytics) | | **G10** | Case Size | Refers to dimensions (typically **8x10mm** or similar) | | **R2** | Packaging | Tape & Reel (for automated SMT assembly) | --- ### 2. Technical Specifications Based on standard industry data for this type of V-Chip (vertical chip) capacitor: * **Type:** Aluminum Electrolytic (Polarized) * **Mounting Type:** Surface Mount (SMD / SMT) * **Capacitance:** 330 microfarads (µF) * **Voltage Rating:** 10V DC * **Operating Temperature Range:** Generally -40°C to +105°C * **Lifetime:** Often rated for 2,000 to 5,000 hours at maximum temperature. --- ### 3. Key Features and Applications These capacitors are essential for stabilizing power and smoothing signals. #### Common Features: * **Low Profile:** Designed for flat PCB mounting. * **Reflow Solder Compatible:** Can withstand the high heat of automated soldering ovens. * **Polarity:** Must be installed correctly; the negative side is usually marked with a black or colored stripe on the top of the can. #### Common Applications: 1. **DC-DC Converters:** Filtering output ripples to provide clean power. 2. **Consumer Electronics:** Used in TVs, game consoles, and computer motherboards. 3. **Telecommunications:** Power supply decoupling in routers and switches. 4. **LED Lighting:** Drivers and control circuits. --- ### 4. Comparison with Alternatives | Feature | Aluminum Electrolytic (HT-10V331) | Tantalum Capacitor | Ceramic (MLCC) | | :--- | :--- | :--- | :--- | | **Cost** | Low | High | Medium | | **Capacitance** | High | Medium | Low to Medium | | **Stability** | Moderate | Very High | High | | **Risk** | Can dry out over years | Can fail short-circuit/fire | Brittle (cracking) | --- ### Usage Note: When replacing this part, ensure the **Voltage (10V)** and **Capacitance (330µF)** match. You can use a higher voltage rating (e.g., 16V or 25V) if space permits, but never a lower voltage rating.
    ✨ Follow-up Questions
    • ⤷What are the physical dimensions associated with the G10 case size?
    • ⤷ Can I replace this capacitor with a 330uF 16V version?
    • ⤷ How do I identify the negative terminal on this SMD capacitor?