Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HT-10V331MG10Q-R2

  • AI
    The part number **HT-10V331MG10Q-R2** refers to a **Surface Mount (SMD) Aluminum Electrolytic Capacitor**. These components are essential for power management and signal filtering in electronic circuits. Below is a detailed breakdown of its specifications based on the standard alphanumeric coding for such components: ### 1. Technical Specifications | Parameter | Specification | Details | | :--- | :--- | :--- | | **Component Type** | Aluminum Electrolytic | Uses an electrolyte liquid/gel and aluminum foil. | | **Capacitance** | 330 µF | Indicated by "331" (33 followed by 1 zero). | | **Voltage Rating** | 10V | Maximum DC working voltage. | | **Tolerance** | ±20% | Indicated by "M" (Standard for electrolytic caps). | | **Case Size** | G10 (8 x 10 mm) | Physical dimensions (Diameter x Height). | | **Mounting Type** | SMD / V-Chip | Designed for surface mount technology. | | **Packaging** | Reel (-R2) | Supplied on a tape and reel for automated assembly. | --- ### 2. Part Number Breakdown Understanding the alphanumeric string helps in identifying the specific characteristics of the capacitor: * **HT**: Usually denotes the **Series**. HT series are typically "High Temperature" or low-impedance series depending on the manufacturer (often associated with brands like Huatong or Lelon equivalents). * **10V**: The rated **Voltage** (10 Volts). * **331**: The **Capacitance code**. The first two digits (33) are the value, and the third (1) is the multiplier. $33 \times 10^1 = 330$ microfarads (µF). * **M**: The **Tolerance** code ($M = \pm20\%$). * **G10**: The **Case Size Code**. In many manufacturer catalogs, "G" represents a diameter (8mm) and "10" represents the height (10mm or 10.2mm). * **Q**: Often refers to a specific **internal requirement** or environmental compliance (like RoHS/Reach/Halogen-Free). * **R2**: Refers to the **Packaging Type**, specifically Tape & Reel (13-inch or 15-inch reel). --- ### 3. Key Applications Because this is a 330µF/10V SMD capacitor, it is commonly used in: * **DC-DC Converters:** For smoothing output ripples. * **Decoupling:** Placed near ICs to provide a local energy reservoir. * **Consumer Electronics:** Found in motherboards, routers, and LED drivers. * **Audio Circuits:** Used for DC blocking or power rail filtering. ### 4. Comparison Table (Aluminum vs. Tantalum) In many designs, you might compare this part to a Tantalum equivalent: | Feature | Aluminum (HT-10V331) | Tantalum | | :--- | :--- | :--- | | **Cost** | Low | High | | **Failure Mode** | Dries out over time | Short circuit (can catch fire) | | **ESR** | Moderate | Very Low | | **Size** | Larger height profile | Very low profile | ---
    ✨ Follow-up Questions
    • ⤷What is the expected lifespan of the HT series at its maximum rated temperature?
    • ⤷ Are there low-ESR alternatives for this specific capacitor size?
    • ⤷ What is the recommended solder reflow profile for this SMD component?