Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HT-25V331MH10X-R2

  • AI
    ### Detailed Analysis of HT-25V331MH10X-R2 The **HT-25V331MH10X-R2** is a specific part number for a high-performance **Aluminum Electrolytic Capacitor**. These components are essential in power management for filtering, decoupling, and energy storage. --- ### 1. Technical Specifications Based on the standard nomenclature for this series, here are the primary electrical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Capacitance** | 330 $\mu$F | The amount of charge the capacitor can store. | | **Voltage Rating** | 25V | The maximum DC voltage the component can safely handle. | | **Mounting Type** | SMD (Surface Mount) | Specifically designed for automated PCB assembly. | | **Case Size** | $10 \times 10.2$ mm | The physical dimensions (Diameter x Height). | | **Tolerance** | $\pm 20\%$ | Standard variation allowed in capacitance. | | **Temperature Range** | $-55^\circ\text{C}$ to $+105^\circ\text{C}$ | Operating environment range. | --- ### 2. Breakdown of the Part Number Manufacturers use alphanumeric codes to define the specific attributes of the component. * **HT**: Likely refers to the **High Temperature** or specific product series (often associated with low ESR and long life). * **25V**: Indicates the **Rated Voltage** (25 Volts). * **331**: Represents the **Capacitance Code**. The first two digits (33) are the value, and the third (1) is the multiplier ($10^1$). Hence, $33 \times 10 = 330 \mu$F. * **M**: Indicates the **Tolerance** (M = $\pm 20\%$). * **H10**: Refers to the **Case Size Code** (10mm diameter). * **R2**: Usually denotes the **Packaging Type** (e.g., Tape and Reel for pick-and-place machines). --- ### 3. Key Electronic Functions In a circuit, this component typically performs the following roles: 1. **Voltage Smoothing:** Used after a bridge rectifier to convert pulsating DC into a steady DC signal. 2. **Noise Filtering:** Shunts high-frequency noise to the ground to protect sensitive ICs. 3. **Energy Buffer:** Provides a quick burst of energy during transient load spikes in DC-DC converters. --- ### 4. Application Examples ```python # Typical Circuit Locations applications = { "Consumer Electronics": ["Laptops", "LED TV Power Boards"], "Industrial": ["DC-DC Converters", "Motor Controllers"], "Automotive": ["Infotainment Systems", "Sensor Modules"] } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the expected lifespan (hours) of this capacitor at 105°C?
    • ⤷ Are there low-ESR alternatives for this specific part number?
    • ⤷ What are the soldering profile requirements for the SMD 'H10' package?