Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HT-35V151MG10-R2

  • AI
    The part number **HT-35V151MG10-R2** refers to a specific **Surface Mount (SMT) Aluminum Electrolytic Capacitor**. These components are widely used for power management and filtering in electronic circuits. Below is a breakdown of the specifications and characteristics of this component. --- ### 1. Specification Breakdown The alphanumeric code follows a standard industry naming convention: | Code Segment | Meaning | Specification | |:--- |:--- |:--- | | **HT** | Series Code | High Temperature / Standard Low Impedance | | **35V** | Voltage Rating | 35 Volts (Maximum DC Working Voltage) | | **151** | Capacitance Code | 150 µF (15 + one zero) | | **M** | Tolerance | ±20% | | **G10** | Case Size | ~8mm x 10mm (Diameter x Height) | | **R2** | Packaging | Reel / RoHS 2 Compliant | --- ### 2. Technical Characteristics * **Capacitance:** 150 Microfarads (µF). This value determines how much energy the capacitor can store and its effectiveness in smoothing voltage ripples. * **Voltage:** 35V DC. It is recommended to operate this part at roughly 80% of its rated voltage (approx. 28V) for long-term reliability. * **Form Factor:** V-Chip (Surface Mount Device). These are designed to be soldered directly onto the top of a PCB using reflow soldering. * **Electrolyte:** Liquid electrolyte inside an aluminum can, sealed with a rubber gasket at the bottom. --- ### 3. Applications and Usage This specific capacitor is typically found in the following scenarios: 1. **Power Supply Filtering:** Used on the output stage of DC-DC converters to reduce noise. 2. **Decoupling:** Providing a local energy reservoir for integrated circuits to prevent voltage drops during high current demands. 3. **Consumer Electronics:** Found in LED drivers, motherboard peripherals, and telecommunications equipment. --- ### 4. Comparison Table: Electrolytic vs. Ceramic (MLCC) Since this is an electrolytic part, it differs significantly from standard ceramic capacitors: | Feature | Aluminum Electrolytic (HT-35V151) | Ceramic (MLCC) | |:--- |:--- |:--- | | **Polarity** | Polarized (Must be installed correctly) | Non-Polarized | | **Capacitance Density** | High (150µF in a small footprint) | Low to Medium | | **ESR (Resistance)** | Higher | Very Low | | **Lifespan** | Finite (Dry-out over time) | Very Long | ---
    ✨ Follow-up Questions
    • ⤷ What are the temperature ratings for the HT series capacitors?
    • ⤷ How do I identify the positive and negative terminals on an SMD electrolytic capacitor?
    • ⤷ What is the recommended reflow soldering profile for this G10 case size?