Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HT-50V331MIEEQ-R5

  • AI
    ### Component Analysis: HT-50V331MIEEQ-R5 The part number **HT-50V331MIEEQ-R5** refers to a high-temperature, radial leaded **Aluminum Electrolytic Capacitor**. These components are typically used for power filtering, decoupling, and energy storage in electronic circuits. --- ### 1. Part Number Breakdown Based on standard industry naming conventions for electrolytic capacitors (often associated with brands like CapXon or similar manufacturers), the code can be deciphered as follows: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **HT** | Series Code | High Temperature / Low Impedance series. | | **50V** | Voltage Rating | Maximum working voltage is **50 Volts DC**. | | **331** | Capacitance | **330 µF** (33 followed by 1 zero, in picofarads scaled to microfarads). | | **M** | Tolerance | **±20%** (Standard for electrolytic capacitors). | | **I** | Case Size Code | Represents specific Diameter x Height (e.g., 10x12.5mm or 8x11.5mm). | | **EEQ** | Internal Code | Manufacturer-specific lead style or packaging code. | | **R5** | Lead Pitch/Format | Typically indicates a **5.0mm lead spacing**. | --- ### 2. Technical Specifications Typical characteristics for a capacitor in this series include: * **Type:** Polarized Aluminum Electrolytic. * **Capacitance:** 330 microfarads (µF). * **Rated Voltage:** 50V DC (Surge voltage usually ~63V). * **Operating Temperature:** Generally up to **+105°C** (Standard for HT series). * **Life Endurance:** Often rated for 2,000 to 5,000 hours at maximum temperature. * **Form Factor:** Radial leads (through-hole mounting). --- ### 3. Common Applications Due to the 50V rating and 330µF capacity, this part is versatile for various electronic stages: 1. **Power Supplies:** Output filtering for AC-DC adapters or DC-DC converters. 2. **Audio Circuits:** Used in power stages to smooth ripple current. 3. **Industrial Electronics:** General-purpose decoupling in 24V or 36V systems (providing a safety margin with the 50V rating). 4. **Automotive Aftermarket:** Used in 12V/24V systems where temperature resilience is required. --- ### 4. Safety and Installation Notes * **Polarity:** This is a polarized component. The negative terminal is marked with a stripe on the casing. Reversing polarity can cause the component to fail or explode. * **Voltage Margin:** It is best practice to run the capacitor at 80% or less of its rated voltage (e.g., using this 50V cap for a 40V max rail) to extend its lifespan.
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions (Diameter x Height) for the 'I' case size code?
    • ⤷ Can this capacitor be used in a high-frequency switching power supply?
    • ⤷ What is the ESR (Equivalent Series Resistance) rating for the HT series?