Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HTB-64I-R

  • AI
    The **HTB-64I-R** is a high-performance, industrial-grade digital input board, typically manufactured by companies like **Contec**. It is designed to interface external digital signals with a computer system (usually via a PCI or bus-specific interface) for automation and monitoring. --- ### 1. Core Specifications and Electronic Components The "64I" in the model name indicates that the device features **64 isolated digital input channels**. | Feature | Specification | | :--- | :--- | | **Input Channels** | 64 Isolated Digital Inputs | | **Input Type** | Opto-coupler isolated (Current Sinking/Sourcing) | | **Input Voltage Range** | Typically 12VDC - 24VDC | | **Response Time** | High-speed switching (usually < 1ms) | | **Isolation Voltage** | Usually 500Vrms or higher between logic and I/O | | **Connector Type** | High-density D-SUB or SCSI-style connector | --- ### 2. Key Internal Electronic Parts The architecture of the HTB-64I-R consists of several critical stages to ensure signal integrity and protection for the host PC: #### A. Opto-Isolators (Optical Couplers) This is the most critical component. It converts the incoming electrical signal into light and back into electricity. * **Purpose:** It prevents high-voltage spikes or electrical noise from the industrial environment from reaching and damaging the computer's motherboard. * **Safety:** Provides "Galvanic Isolation." #### B. Input Filtering Circuitry Each of the 64 channels contains a resistor-capacitor (RC) network. * **Purpose:** To "debounce" signals. It removes high-frequency noise and stabilizes signals coming from mechanical switches or relays. #### C. Bus Interface Controller A logic chip (often an ASIC or FPGA) that manages communication between the 64 input lines and the computer's system bus. * **Function:** It handles address decoding, interrupt requests (IRQ), and data buffering. #### D. Surge Protection Devices The board often includes **Zener Diodes** or **TVS (Transient Voltage Suppressors)**. * **Purpose:** To protect the internal circuitry against static electricity (ESD) and momentary over-voltage conditions on the input lines. --- ### 3. Usage and Wiring To utilize these electronic parts, the board is typically wired in one of two configurations: 1. **Sinking Input:** The external device switches the ground (0V) line. 2. **Sourcing Input:** The external device switches the positive voltage (+12V/24V) line. ```mermaid graph LR Field_Sensor --> Opto_Coupler Opto_Coupler --> Logic_Gate Logic_Gate --> PCI_Bus_Controller PCI_Bus_Controller --> PC_CPU ``` --- ### 4. Typical Applications * **Factory Automation:** Monitoring the state of limit switches or proximity sensors. * **Laboratory Testing:** Recording trigger events from scientific instruments. * **Security Systems:** Monitoring door contacts or alarm sensors across a large facility.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the HTB-64I-R connector?
    • ⤷ How do I configure the interrupt settings for this board in Windows or Linux?
    • ⤷ Does this board require an external power supply for the isolated side?