Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HTB-66I-R

  • AI
    The **HTB-66I-R** is a high-performance, industrial-grade industrial PC (IPC) motherboard or embedded system chassis (often associated with IEI Integration Corp). It is designed for rugged environments requiring high reliability and specific input/output capabilities. Below is a breakdown of the electronic components and technical specifications typically associated with this model. --- ### 1. Core Technical Specifications The HTB-66I-R is characterized by its processing power and its physical layout, which is optimized for medical or industrial automation. | Component | Specification | Details | | :--- | :--- | :--- | | **CPU Support** | Intel® Core™ i7/i5/i3 | Supports 6th/7th Gen (Skylake/Kaby Lake) | | **Chipset** | Intel® Q170 | High-speed I/O and security features | | **Memory** | 2 x 260-pin DDR4 SO-DIMM | Up to 32GB RAM | | **Storage** | 2 x 2.5" SATA 6Gb/s | Supports HDD or SSD | | **Power Input** | 12V - 28V DC | Wide range for industrial power stability | | **Expansion** | PCIe x16 / x4 | Options for dedicated GPU or Capture cards | --- ### 2. Key Electronic Features #### A. Power Management System * **Voltage Regulation:** The board includes high-quality solid capacitors and voltage regulator modules (VRMs) to handle fluctuations in industrial power grids. * **Isolation:** Designed with electromagnetic interference (EMI) shielding to prevent noise from affecting sensitive nearby medical or industrial equipment. #### B. Connectivity and I/O Interface The electronic layout prioritizes communication with peripheral devices: * **Network:** Dual Intel® GbE LAN controllers for redundant networking. * **USB Ports:** Multiple USB 3.0 ports for high-speed data transfer from sensors or cameras. * **Display:** Usually features HDMI and DisplayPort for high-resolution output. #### C. Thermal Design As an industrial part, the electronic assembly is designed for: * **Heat Dissipation:** Often uses a finned aluminum chassis that acts as a giant heatsink. * **Operating Temp:** Rated for a wider range than consumer PCs (e.g., -10°C to 50°C). --- ### 3. Common Applications Due to its robust electronic design, the HTB-66I-R is frequently used in: 1. **Medical Imaging:** Processing data from X-rays or Ultrasounds. 2. **Machine Vision:** High-speed inspection on factory lines. 3. **Edge Computing:** Local data processing in remote locations. --- ### 4. Comparison Table: Industrial vs. Consumer Grade | Feature | HTB-66I-R (Industrial) | Consumer PC | | :--- | :--- | :--- | | **Lifecycle** | 7-10 years | 1-2 years | | **Vibration Resistance** | High (MIL-STD compliant) | Low | | **Cooling** | Passive or Industrial Fan | Standard Fan |
    ✨ Follow-up Questions
    • ⤷ What are the specific PCIe expansion options for the HTB-66I-R?
    • ⤷ Does this model support Windows 11 or is it restricted to older OS versions?
    • ⤷ What are the specific medical certifications (like EN 60601) for this device?