Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • HTK-100V150MH10E-R2

  • AI
    The part number **HTK-100V150MH10E-R2** refers to a high-performance **Aluminum Electrolytic Capacitor**, specifically designed for surface mount (SMD) applications where high temperature and reliability are required. ### 1. Part Number Breakdown Based on standard industry naming conventions for aluminum capacitors (often associated with manufacturers like Chemi-Con or similar), here is the breakdown: | Component | Code | Description | | :--- | :--- | :--- | | **Series** | HTK | High temperature, low impedance, long life series. | | **Voltage** | 100V | Rated Working Voltage (100 Volts DC). | | **Capacitance** | 150 | 150 microfarads (µF). | | **Tolerance** | M | ±20% Capacitance Tolerance. | | **Size/Case** | H10 | Case size code (typically 10mm diameter). | | **Packaging** | E-R2 | Packaging format (Tape & Reel). | --- ### 2. Technical Specifications This component is designed to operate in demanding environments, particularly in automotive or industrial power supplies. * **Capacitance:** 150 µF * **Voltage Rating:** 100V DC * **Operating Temperature:** Typically -55°C to +125°C (High Temp Range). * **Form Factor:** V-Chip (SMD - Surface Mount Device). * **Endurance:** Often rated for 2,000 to 5,000 hours at its maximum rated temperature. * **Impedance:** Low ESR (Equivalent Series Resistance) for efficient ripple current handling. --- ### 3. Key Applications Because of its high voltage rating (100V) and temperature resilience, this part is commonly used in: 1. **Automotive Electronics:** Powering ECUs, LED lighting drivers, and DC/DC converters. 2. **Industrial Automation:** Power supplies for sensors and motor controllers. 3. **Telecommunications:** Base station power modules where heat dissipation is a concern. 4. **Filtering:** Used to smooth out voltage spikes in input/output stages of switching regulators. --- ### 4. Handling and Soldering As an SMD aluminum electrolytic capacitor, it requires specific soldering profiles to avoid damage to the electrolyte. ```markdown - Reflow Soldering: Recommended (Follow JEDEC J-STD-020). - Hand Soldering: Possible, but avoid touching the case with the iron tip. - Polarity: Polarized component; ensure the negative stripe aligns with the PCB marking. ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the H10 case size code?
    • ⤷ Can this capacitor be used in AC circuits?
    • ⤷ What is the specific ripple current rating for the HTK series?